Electronic Components Datasheet Search
  English  ▼

X  

XF0793P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0793P
Description  ALL DIMENSIONS IN MM [INCH].
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0793P Datasheet(HTML) 1 Page - E-SWITCH

  XF0793P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
P16OAR1CRED
2:1
4/15/2009
XF0793P
A
BLR
1
1
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
P16OAR11
F040014
1
1
50-004-05 28V AC/DC 40mA
INCANDESCENT BULB
F050405
1
2
50-012-41 MUSHROOM CAP RED
(TRANSPARENT)
F051212
1
3
PANEL MOUNTING
A
18478
RELEASED FOR PRODUCTION
4/15/09
BLR
25.00 MIN
[.984 in]
25.00 MIN
[.984 in]
16.00
n
- .00
.30
+
.630 -.000
.012
+
in
[]
16.00
[.630 in]
29.0
[1.14 in]
7.20
[.283 in]
n24.00
[.945 in]
n24.00
[.945 in]
jk;ljk
NOTE:
1. ALL DIMENSIONS IN MM [INCH].
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY.
4. RATING: 5A @ 250VAC UL, VDE
8A @ 125VAC UL, VDE
6A @ 24VDC
0.2A @ 250VDC
5. ELECTRICAL LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD min.
6. INSULATION RESISTANCE: 1,000 MEGA-OHM min.
7. OPERATING TEMP.: -25°C to +55°C
8. LAMP: 28 V(AC or DC) 40 mA INCANDESCENT
9. PANEL THICKNESS = 0.5mm TO 5.0 mm
10.
DENOTES CRITICAL PARAMETER.
11. PACKAGE: BOX / 20 PIECES PER BOX
12. DEGREE OF PROTECTION: IP40
13. TRAVEL: 3.00 mm.
14. 2002/95/EC (ROHS) COMPLIANT.
L
1
2
34
a
b (+)
SPDT
CONTACT CONFIGURATION
2
1
3
40.00
[1.575 in]
1
3
42
a
b


Similar Part No. - XF0793P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0790P E-SWITCH-XF0790P Datasheet
69Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0791P E-SWITCH-XF0791P Datasheet
70Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0792P E-SWITCH-XF0792P Datasheet
113Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0794P E-SWITCH-XF0794P Datasheet
117Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0796P E-SWITCH-XF0796P Datasheet
116Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - XF0793P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com