Electronic Components Datasheet Search
  English  ▼

X  

CP4200SC Datasheet(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # CP4200SC
Description  Excellent capability of absorbing transient surge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

CP4200SC Datasheet(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  CP4200SC Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd CP4200SC Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd CP4200SC Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd CP4200SC Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd CP4200SC Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIEJIE MICROELECTRONICS CO. , Ltd
TEL:+86-513-83639777
CP4200Sx
Series
DESCRIPTION:
CP4200Sx series are a type of semiconduct component.
They are designed to protect
from damaging overvoltage transients.
.
FEATURES:
Excellent capability of absorbing transient surge
Quick response to surge voltage (ns Level)
Eliminates overvoltage caused by fast rising transients
Moisture sensitivity level: Level 1
Non degenerative
ABSOLUTE MAXIMUM RATINGS
Parameter
Storage temperature range
Operating junction temperature range
Repetitive peak pulse voltage
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
VDRM
Peak off-state voltage
IDRM
Off-state current
VS
Switching voltage
IS
Switching current
VT
On-state voltage
IT
On-state current
IH
Holding current
CO
Off-state capacitance
JIEJIE MICROELECTRONICS CO. , Ltd
- 1 / 5-
Series
are a type of semiconduct component.
to protect baseband equipment
from damaging overvoltage transients.
Excellent capability of absorbing transient surge
Quick response to surge voltage (ns Level)
Eliminates overvoltage caused by fast rising transients
Moisture sensitivity level: Level 1
RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise
Parameter
Symbol
Value
Storage temperature range
Tstg
-60 to +150
junction temperature range
Tj
-40 to +1
voltage
VPP
see nex table
ELECTRICAL CHARACTERISTICS (TA=25℃)
Parameter
state voltage
state current
Switching voltage
Switching current
state voltage
state current
state capacitance
1
V-I Curve
-I
+I
-V
IT
IDRM
V
IS
IH
JIEJIE MICROELECTRONICS CO. , Ltd
http://www.jjwdz.com
Rev.1.0
unless otherwise noted)
Value
Unit
60 to +150
℃
40 to +125
℃
see nex table
V
SMB
Symbol
2
+V
VT
VDRM VS


Similar Part No. - CP4200SC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CP4262-000 TEC-CP4262-000 Datasheet
637Kb / 2P
Raychem S200 Shield Terminators
07/17
logo
Marktech Corporate
CP42B MARKTECH-CP42B Datasheet
519Kb / 8P
P4 LED
logo
Cree, Inc
CP42B-AKS CREE-CP42B-AKS Datasheet
356Kb / 6P
P4 LED
CP42B-AKS CREE-CP42B-AKS Datasheet
519Kb / 8P
P4 LED
CP42B-AKS-CM0Q0264 CREE-CP42B-AKS-CM0Q0264 Datasheet
519Kb / 8P
P4 LED
More results

Similar Description - CP4200SC

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
CP1101SB JIEJIE-CP1101SB Datasheet
224Kb / 5P
Excellent capability of absorbing transient surge
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
Excellent capability of absorbing transient surge
P0080SA JIEJIE-P0080SA Datasheet
228Kb / 5P
Excellent capability of absorbing transient surge
P0080SB JIEJIE-P0080SB Datasheet
241Kb / 5P
Excellent capability of absorbing transient surge
P0080SC JIEJIE-P0080SC Datasheet
240Kb / 5P
Excellent capability of absorbing transient surge
P0080SD JIEJIE-P0080SD Datasheet
235Kb / 5P
Excellent capability of absorbing transient surge
P0220A JIEJIE-P0220A Datasheet
201Kb / 4P
Excellent capability of absorbing transient surge
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
PXXXXTA LEIDITECH-PXXXXTA Datasheet
737Kb / 5P
Excellent capability of absorbing transient surge
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
Excellent capability of absorbing transient surge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com