Electronic Components Datasheet Search
  English  ▼

X  

P0080SC Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # P0080SC
Description  Excellent capability of absorbing transient surge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

P0080SC Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  P0080SC Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd P0080SC Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd P0080SC Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd P0080SC Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd P0080SC Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PxxxxSC Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 2 / 5-
http://www.jjwdz.com
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part
Number
IDRM@VDRM
VS
①@I
S
VT@ IT
IH
CO
②
Marking
μA
V
V
mA
V
A
mA
pF
max
max
max
max
max
min
max
P0080SC
5
6
25
800
4
2.2
30
130
P-8C
P0220SC
5
18
30
800
4
2.2
30
120
P22C
P0300SC
5
25
40
800
4
2.2
30
100
P03C
P0640SC
5
58
77
800
4
2.2
120
200
P06C
P0720SC
5
65
87
800
4
2.2
120
150
P07C
P0900SC
5
75
98
800
4
2.2
120
140
P09C
P1100SC
5
90
130
800
4
2.2
120
110
P11C
P1300SC
5
120
160
800
4
2.2
120
100
P13C
P1500SC
5
140
180
800
4
2.2
120
90
P15C
P1800SC
5
170
220
800
4
2.2
120
90
P18C
P2300SC
5
190
260
800
4
2.2
120
80
P23C
P2600SC
5
220
300
800
4
2.2
120
80
P26C
P3100SC
5
275
350
800
4
2.2
120
70
P31C
P3500SC
5
320
400
800
4
2.2
120
65
P35C
P3800SC
5
340
450
800
4
2.2
120
65
P38C
Vs is measured
①
at 100KV/s
② Off-state capacitance is measured in VDC=2V, VRMS=1V, f=1MHz
SURGE RATINGS
Series
IPP (A) min
2×10us
8×20us
10×360us
10×1000us
C
500
400
175
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com