Electronic Components Datasheet Search
  English  ▼

X  

LM4663 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4663
Description  2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4663 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4663 Datasheet HTML 2Page - National Semiconductor (TI) LM4663 Datasheet HTML 3Page - National Semiconductor (TI) LM4663 Datasheet HTML 4Page - National Semiconductor (TI) LM4663 Datasheet HTML 5Page - National Semiconductor (TI) LM4663 Datasheet HTML 6Page - National Semiconductor (TI) LM4663 Datasheet HTML 7Page - National Semiconductor (TI) LM4663 Datasheet HTML 8Page - National Semiconductor (TI) LM4663 Datasheet HTML 9Page - National Semiconductor (TI) LM4663 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Applications Information (Continued)
DS101269-4
FIGURE 2. At power-up, the LP3740 forces the LM4663 into shutdown, which prevents abnormal quiescent current
flow through the amplifier. Once V
CC rises above 4V and after a 200ms delay set by C1, normal amplifier operation is
restored.
DS101269-5
FIGURE 3. Recommended PC board layout:
Component side silkscreen
DS101269-6
FIGURE 4. Recommended PC board layout:
Component side layout
DS101269-7
FIGURE 5. Recommended PC board layout: Inner
Layer ground plane layout
DS101269-8
FIGURE 6. Recommended PC board layout: Inner
Layer supply plane layout
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com