Electronic Components Datasheet Search
  English  ▼

X  

APW7071 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7071
Description  Step-Up Converter for 4 Series White LEDs Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7071 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7071 Datasheet HTML 2Page - Anpec Electronics Coropration APW7071 Datasheet HTML 3Page - Anpec Electronics Coropration APW7071 Datasheet HTML 4Page - Anpec Electronics Coropration APW7071 Datasheet HTML 5Page - Anpec Electronics Coropration APW7071 Datasheet HTML 6Page - Anpec Electronics Coropration APW7071 Datasheet HTML 7Page - Anpec Electronics Coropration APW7071 Datasheet HTML 8Page - Anpec Electronics Coropration APW7071 Datasheet HTML 9Page - Anpec Electronics Coropration APW7071 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2008
APW7071
www.anpec.com.tw
6
Pin Description
NO
NAME
FUNCTION
1
SW
Switch Pin. Connect this pin to inductor/diode here.
2
GND
Ground Pin.
3
FB
Feedback Pin. Reference voltage is 0.25V. Connect this pin to cathode of lowest LED and resistor
(RFB). Calculate resistor value according to RFB = 0.25V/lLED
4
SHDN
Shutdown Pin. Pulling this pin to ground forces the device into shutdown mode reducing the supply
current to less than 1µA. This pin should not be left floating.
5
OVP
Over voltage protection sense pin. Connect this pin to output capacitor. Left it unconnected to disable
OVP function.
6
VIN
Supply voltage Pin.
Block Diagram
Under
Voltage
Lockout
Gate
Driver
Control
Logic
400ns Min.
off-time
Soft
start
6
µs Max.
on-time
OVP
Comparator
V
REF=0.25V
FB
SHDN
GND
VIN
SW
RSENSE
N-MOSFET
Current Limit
Error Comparator
OVP
SHDN
1
2
4
3
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com