Electronic Components Datasheet Search
  English  ▼

X  

CS2000CP-CZZ Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS2000CP-CZZ
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000CP-CZZ Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS2000CP-CZZ Datasheet HTML 16Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 17Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 18Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 19Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 20Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 21Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 22Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 23Page - Cirrus Logic CS2000CP-CZZ Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
CS2000-CP
20
DS761F3
5.3.3
Ratio Modifier (R-Mod)
The Ratio Modifier is used to internally multiply/divide the currently addressed RUD (the Ratio0-3 stored in
the register space remain unchanged). The available options for RMOD are summarized in Table 1 on
page 20.
The R-Mod value selected by RModSel[2:0] is always used in the calculation for the Effective Ratio
(REFF), see “Effective Ratio (REFF)” on page 20. If R-Mod is not desired, RModSel[2:0] should be left at
its default value of ‘000’, which corresponds to an R-Mod value of 1, thereby effectively disabling the ratio
modifier.
Table 1. Ratio Modifier
5.3.4
Effective Ratio (REFF)
The Effective Ratio (REFF) is an internal calculation comprised of RUD and the appropriate modifiers, as
previously described. REFF is calculated as follows:
REFF = RUD RMOD
To simplify operation the device handles some of the ratio calculation functions automatically (such as
when the internal timing reference clock divider is set). For this reason, the Effective Ratio does not need
to be altered to account for internal dividers.
Ratio modifiers which would produce an overflow or truncation of REFF should not be used; For example
if RUD is 1024 an RMOD of 8 would produce an REFF value of 8192 which exceeds the 4096 limit of the
12.20 format. In all cases, the maximum and minimum allowable values for REFF are dictated by the fre-
quency limits for both the input and output clocks as shown in the “AC Electrical Characteristics” on
page 8.
Selection of the user defined ratio from the four stored ratios is made by using the RSel[1:0] bits unless
auto clock switching is enabled in which case the LockClk[1:0] bits also select the ratio (see “Manual Frac-
tional-N Source Selection for the Frequency Synthesizer” on page 21).
RModSel[2:0]
Ratio Modifier
000
1
001
2
010
4
011
8
100
0.5
101
0.25
110
0.125
111
0.0625
Referenced Control
Register Location
Ratio0-3.................................“Ratio 0 - 3 (Address 06h - 15h)” on page 31
RModSel[2:0] ........................“R-Mod Selection (RModSel[2:0])” section on page 29
Referenced Control
Register Location
RSel[1:0] ...............................“Ratio Selection (RSel[1:0])” on page 29
LockClk[1:0] ..........................“Lock Clock Ratio (LockClk[1:0])” section on page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com