Electronic Components Datasheet Search
  English  ▼

X  

ISL68124 Datasheet(PDF) 22 Page - Intersil Corporation

Part # ISL68124
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68124 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ISL68124 Datasheet HTML 18Page - Intersil Corporation ISL68124 Datasheet HTML 19Page - Intersil Corporation ISL68124 Datasheet HTML 20Page - Intersil Corporation ISL68124 Datasheet HTML 21Page - Intersil Corporation ISL68124 Datasheet HTML 22Page - Intersil Corporation ISL68124 Datasheet HTML 23Page - Intersil Corporation ISL68124 Datasheet HTML 24Page - Intersil Corporation ISL68124 Datasheet HTML 25Page - Intersil Corporation ISL68124 Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
ISL68137
22
FN8757.0
September 27, 2016
Submit Document Feedback
PMBus Operation
The ISL68137 PMBus slave address is pin selectable utilizing the
SA pin and resistor value described in Table 2 on page 13. For
proper operation, users should follow the PMBus protocol, as
shown in “PMBus Protocol” on page 23. The supported PMBus
addresses are in 8-bit format (including write and read bit):
80-8E, A0-AE, B0-BE and C0-CE. The least significant bit of the
8-bit address is for write (0h) and read (1h). PMBus commands
are in the range from 0x00h to 0xFFh. For the ISL68137, Page 0
corresponds to Output 0 and Page 1 to Output 1. For reference
purposes, the 7-bit format addresses are also summarized in
Table 5.
The PMBus data formats follow PMBus Specification version 1.3
and SMBus version 2.0.
Basic PMBus telemetry commands are summarized in “PMBus
Command Summary” on page 24.
TABLE 5. PMBus 8-BIT AND 7-BIT FORMAT ADDRESS (HEX)
8-BIT
7-BIT
8-BIT
7-BIT
8-BIT
7-BIT
8-BIT
7-BIT
80/81
40
A0/A1
50
B0/B1
58
C0/C1
60
82/83
41
A2/A3
51
B2/B3
59
C2/C3
61
88/89
44
A8/A9
54
B8/B9
5C
C8/C9
64
8A/8B
45
AA/AB
55
BA/BB
5D
CA/CB
65
FIGURE 27. SIMPLIFIED PMBus INITIALIZATION TIMING DIAGRAM
1.2V
VCC
ENABLE
~30ms
VCCS
INDEFINITELY
PMBus
COMMAND
PMBus
COMMAND
PMBus
COMMAND
PMBus
COMMAND
VOUT
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)
USE PREVIOUS PROGRAMMED
CONFIGURATION FOR START-UP AND OPERATION
VCCS
3.3V
POR
PLL
LOCKED
Fac
LOAD
Config
Tel ADC
Initialized
Start-up
Diagnostics
DONE
DONE
Customer
Config
LOAD
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com