Electronic Components Datasheet Search
  English  ▼

X  

TIP105 Datasheet(PDF) 5 Page - ON Semiconductor

Part # TIP105
Description  Plastic Medium-Power Complementary Silicon Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP105 Datasheet(HTML) 5 Page - ON Semiconductor

  TIP105 Datasheet HTML 1Page - ON Semiconductor TIP105 Datasheet HTML 2Page - ON Semiconductor TIP105 Datasheet HTML 3Page - ON Semiconductor TIP105 Datasheet HTML 4Page - ON Semiconductor TIP105 Datasheet HTML 5Page - ON Semiconductor TIP105 Datasheet HTML 6Page - ON Semiconductor TIP105 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIP100, TIP101, TIP102 (NPN); TIP105, TIP106, TIP107 (PNP)
www.onsemi.com
5
300
0.1
VR, REVERSE VOLTAGE (VOLTS)
30
2.0
5.0
10
20
100
50
0.2
0.5
1.0
100
50
TJ = 25°C
Cib
70
Cob
PNP
NPN
Figure 7. Small−Signal Current Gain
10,000
1.0
f, FREQUENCY (kHz)
10
20
50
100
200
1000
2.0
5.0
10
3000
500
100
TC = 25°C
VCE = 4.0 Vdc
IC = 3.0 Adc
1000
PNP
NPN
Figure 8. Capacitance
50
500
5000
2000
300
200
30
20
200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com