Electronic Components Datasheet Search
  English  ▼

X  

CDB8416 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CDB8416
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8416 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CDB8416 Datasheet HTML 25Page - Cirrus Logic CDB8416 Datasheet HTML 26Page - Cirrus Logic CDB8416 Datasheet HTML 27Page - Cirrus Logic CDB8416 Datasheet HTML 28Page - Cirrus Logic CDB8416 Datasheet HTML 29Page - Cirrus Logic CDB8416 Datasheet HTML 30Page - Cirrus Logic CDB8416 Datasheet HTML 31Page - Cirrus Logic CDB8416 Datasheet HTML 32Page - Cirrus Logic CDB8416 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
DS580F6
29
CS8406
11.PIN DESCRIPTION - HARDWARE MODE
VD
6
Digital Power (Input) - Digital core power supply. Typically +3.3 V or +5.0 V.
VL
23
Logic Power (Input) - Input/Output power supply. Typically +3.3 V or +5.0 V.
GND
22
Ground (Input) - Ground for I/O and core logic.
RST
9
Reset (Input) - When RST is low, the CS8406 enters a low power mode and all internal states are reset.
On initial power up, RST must be held low until the power supply is stable, and all input clocks are stable
in frequency and phase. This is particularly true in Hardware Mode with multiple CS8406 devices, where
synchronization between devices is important.
H/S
24
Hardware/Software Control Mode Select (Input) - Determines the method of controlling the operation
of the CS8406, and the method of accessing CS and U data. Hardware Mode provides an alternate
mode of operation, and access to CS and U data is provided by dedicated pins. To select Hardware
Mode, this pin should be permanently tied to VL.
TXN
TXP
25
26
Differential Line Drivers (Output) - These pins transmit biphase encoded data. The drivers are pulled
low while the CS8406 is in the reset state.
OMCK
21
Master Clock (Input) - The frequency can be set through the HWCK[1:0] pins.
ISCLK
13
Serial Audio Bit Clock (Input/Output) - Serial bit clock for audio data on the SDIN pin.
ILRCK
12 Serial Audio Input Left/Right Clock (
Input
/Output) - Word rate clock for the audio data on the SDIN
pin.
SDIN
14
Serial Audio Data Port (Input) - Audio data serial input pin.
COPY / C
ORIG
TEST
HWCK1
EMPH
TXP
SFMT0
TXN
SFMT1
H/S
VD
VL
TEST
GND
TEST
OMCK
RST
HWCK0
APMS
AUDIO
TCBLD
U
ILRCK
V
ISCLK
CEN
SDIN
TCBL
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
9
10
11
12
17
18
19
20
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com