Electronic Components Datasheet Search
  English  ▼

X  

MMBTH10Q Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # MMBTH10Q
Description  VHF/UHF Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMBTH10Q Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  MMBTH10Q Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMBTH10Q Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMBTH10Q Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MMBTH10Q Datasheet HTML 4Page - Yea Shin Technology Co., Ltd MMBTH10Q Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.yeashin.com
3
REV.02 20120703
MMBTH10Q
DEVICE CHARACTERISTICS
b fb
TYPICAL CHARACTERISTICS
f, FREQUENCY (MHz)
Figure 1. Rectangular Form
g ib (mmhos)
Figure 2. Polar Form
f, FREQUENCY (MHz)
Figure 3. Rectangular Form
g fb (mmhos)
Figure 4. Polar Form
y fb , FORWARD TRANSFER ADMITTANCE
COMMON–BASE y PARAMETERS versus FREQUENCY
(V CB = 10 Vdc, I C = 4.0 mAdc, T A = 25°C)
yib , INPUT ADMITTANCE
–g fb
g ib
–b ib
1000MHz
700
400
200
100
1000MHz
700
400
200
100
600
80
70
60
50
40
30
20
10
0
100
200
300
400
500
700
1000
0
–10
–20
–30
–40
–50
–60
0
10
2030
40
5060
70
80
70
60
50
40
30
20
10
0
–10
–20
–30
100
200
300
400
500
700
1000
60
50
40
30
20
10
70
60
50
40
30
20
10
0
10
20
30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com