Electronic Components Datasheet Search
  English  ▼

X  

RB520CS-30 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # RB520CS-30
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

RB520CS-30 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  RB520CS-30 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd RB520CS-30 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd RB520CS-30 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd RB520CS-30 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20130402
RB520CS-30
DEVICE CHARACTERISTICS
0.001
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
600
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-P
R CHARACTERISTICS
1
10
100
1000
10000
100000
1000000
010
20
30
1
10
100
0
5
10
15
20
f=1MHz
320
330
340
350
360
370
Ta=25℃
VF=10mA
n=30pcs
0
100
200
300
400
500
600
700
800
900
1000
AVE:100.5nA
Ta=25℃
VR=10V
n=30pcs
10
11
12
13
14
15
16
17
18
19
20
AVE:15.94pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
5
10
15
20
AVE:3.90A
8.3ms
Ifsm
1cyc
0
5
10
110
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
1
10
100
t
Ifsm
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
1ms
IM=10mA
IF=100mA
300us
time
Mounted on epoxy board
0
0.02
0.04
0.06
0.08
0.1
0
0.05
0.1
0.15
0.2
0
0.005
0.01
0.015
0.02
0
5
10
15
20
25
30
AVE:338.8mV
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Ta=125℃
Ta=25℃
Ta=75℃
DC
D=1/2
Sin(θ=180)
Sin(θ=180)
DC
D=1/2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com