Electronic Components Datasheet Search
  English  ▼

X  

2N6786 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6786
Description  N-Channel MOSFET in a Hermetically sealed TO39 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6786 Datasheet(HTML) 1 Page - Seme LAB

  2N6786 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N6786
N-Channel MOSFET.
V
DSS = 400V
I
D = 1.25A
R
DS(ON) = 3.6Ω
Ω
Ω
Ω
All Semelab hermetically sealed products can be
processed in accordance with the requirements
of BS, CECC and JAN, JANTX, JANTXV and
JANS specifications.
Parameter
Min.
Typ.
Max.
Units
V
DSS
Drain – Source Breakdown Voltage
400
V
I
D
Continuous Drain Current
1.25
A
P
D
Power Dissipation
15
W
R
DS(ON)
Static Drain – Source On–State Resistance
3.6
Ω
C
ISS
Input Capacitance
170
pF
Q
g
Total Gate Charge
8.4
nC
t
td(on)
Turn–On Delay Time
15
ns
t
tr
Rise Time
20
ns
t
td(off)
Turn–Off Delay Time
35
ns
t
f
Fall Time
30
ns
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
11-Oct-02
TO39 (TO205AF)
PINOUTS
1 – Source
2 – Gate
3 - Drain
N-Channel MOSFET
in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
4.06 (0.16)
4.57 (0.18)
8.64 (0.34)
9.40 (0.37)
8.01 (0.315)
9.01 (0.355)
0.41 (0.016)
0.53 (0.021)
dia.
0.74 (0.029)
1.14 (0.045)
0.71 (0.028)
0.53 (0.021)
2.54
(0.100)
5.08 (0.200)
typ.
45°
1
2
3


Similar Part No. - 2N6786

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6786 NJSEMI-2N6786 Datasheet
254Kb / 2P
N-CHANNEL ENHANCEMENTE-MODE
More results

Similar Description - 2N6786

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6847 SEME-LAB-2N6847 Datasheet
15Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39 Metal Package
2N6792 SEME-LAB-2N6792 Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39 Metal Package
2N6784 SEME-LAB-2N6784 Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39 Metal Package
2N6851 SEME-LAB-2N6851 Datasheet
15Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39 Metal Package
IRFF024 SEME-LAB-IRFF024 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF110 SEME-LAB-IRFF110 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF130 SEME-LAB-IRFF130 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF210 SEME-LAB-IRFF210 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF310 SEME-LAB-IRFF310 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF330 SEME-LAB-IRFF330 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com