Electronic Components Datasheet Search
  English  ▼

X  

CXA1510 Datasheet(PDF) 21 Page - Cree, Inc

Part # CXA1510
Description  XLamp LED
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1510 Datasheet(HTML) 21 Page - Cree, Inc

Back Button CXA1510 Datasheet HTML 17Page - Cree, Inc CXA1510 Datasheet HTML 18Page - Cree, Inc CXA1510 Datasheet HTML 19Page - Cree, Inc CXA1510 Datasheet HTML 20Page - Cree, Inc CXA1510 Datasheet HTML 21Page - Cree, Inc CXA1510 Datasheet HTML 22Page - Cree, Inc CXA1510 Datasheet HTML 23Page - Cree, Inc CXA1510 Datasheet HTML 24Page - Cree, Inc CXA1510 Datasheet HTML 25Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
21
XLamp® CXa1510 LED
perFOrmanCe GrOups - ChrOmatiCity (t
j = 85 °C) - COntinued
Ansi White bins
Code
CCt
bin
Code
x
y
0e1
6500 K
1A0
0.3048
0.3207
0.3130
0.3290
0.3144
0.3186
0.3068
0.3113
1B0
0.3028
0.3304
0.3115
0.3391
0.3130
0.3290
0.3048
0.3207
1C0
0.3115
0.3391
0.3205
0.3481
0.3213
0.3373
0.3130
0.3290
1D0
0.3130
0.3290
0.3213
0.3373
0.3221
0.3261
0.3144
0.3186
Ansi White bins
Code
CCt
bin
Code
x
y
0E2
5700 K
2A0
0.3215
0.3350
0.3290
0.3417
0.3290
0.3300
0.3222
0.3243
2B0
0.3207
0.3462
0.3290
0.3538
0.3290
0.3417
0.3215
0.3350
2C0
0.3290
0.3538
0.3376
0.3616
0.3371
0.3490
0.3290
0.3417
2D0
0.3290
0.3417
0.3371
0.3490
0.3366
0.3369
0.3290
0.3300
Ansi White bins
Code
CCt
bin
Code
x
y
0e5
4000 K
5A0
.3670
.3578
.3702
.3722
.3825
.3798
.3783
.3646
5B0
.3702
.3722
.3736
.3874
.3869
.3958
.3825
.3798
5C0
.3825
.3798
.3869
.3958
.4006
.4044
.3950
.3875
5D0
.3783
.3646
.3825
.3798
.3950
.3875
.3898
.3716
Ansi White bins
Code
CCt
bin
Code
x
y
0e3
5000 K
3A0
.3371
.3490
.3451
.3554
.3440
.3427
.3366
.3369
3B0
.3376
.3616
.3463
.3687
.3451
.3554
.3371
.3490
3C0
.3463
.3687
.3551
.3760
.3533
.3620
.3451
.3554
3D0
.3451
.3554
.3533
.3620
.3515
.3487
.3440
.3427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com