Electronic Components Datasheet Search
  English  ▼

X  

LMD800 Datasheet(PDF) 2 Page - Cree, Inc

Part # LMD800
Description  LED Module Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMD800 Datasheet(HTML) 2 Page - Cree, Inc

  LMD800 Datasheet HTML 1Page - Cree, Inc LMD800 Datasheet HTML 2Page - Cree, Inc LMD800 Datasheet HTML 3Page - Cree, Inc LMD800 Datasheet HTML 4Page - Cree, Inc LMD800 Datasheet HTML 5Page - Cree, Inc LMD800 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
LMD800 LED MoDuLE DrivEr
orDEr CoDE
nominal input
Voltage (VaC)
Frequency (Hz)
typical output Current
(ma)
Dimming
order Code
120-277
50/60
2000
0/1‑10 V
LMD800-0120-C2A0-7030000
CharaCteristiCs - LMD800 120- to 277-V 0/1-10 V DiMMing DriVer
Order Code: LMD800-0120-C2A0-7030000
Characteristics
unit
Minimum
typical
Maximum
Input voltage range
vAC
108
305
Input power
W
105
130
Output current
mA
2000
Output voltage
v
28
54
Driver efficiency (@ 55 °C) ‑ with LMH2 8000‑lm light
source
%
90
Power factor - with LMH2 8000-lm light source
0.95
Dimming current @ 120 V
mA
.05
Dimming current @ 277 V
mA
.05
LeD driver case temperature
°C
-40
75
•
3‑D models (.STEP files) for the LMD800 LED module driver are available on the Cree website by selecting the Documentation tab on the
LMH2
product page.
DiMMing
The LMH2 8000‑lm light source can use the LMD800 LED module driver with 0/1‑10 V dimming.
Driver
input Voltage
Dimming
Lowest Light Level
LMD800-0120-C2A0-7030000
120‑277 V
0/1‑10 V
1%
MECHaniCaL DiMEnsions
Physical Characteristics of the LMD800 Driver
Physical Characteristic
LMD800
120- to 277-V Driver
Weight (g)
440
Maximum height (mm)
47
Maximum length (mm)
160
Maximum width (mm)
63



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com