Electronic Components Datasheet Search
  English  ▼

X  

LM4652TA Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4652TA
Description  LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4652TA Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4652TA Datasheet HTML 11Page - National Semiconductor (TI) LM4652TA Datasheet HTML 12Page - National Semiconductor (TI) LM4652TA Datasheet HTML 13Page - National Semiconductor (TI) LM4652TA Datasheet HTML 14Page - National Semiconductor (TI) LM4652TA Datasheet HTML 15Page - National Semiconductor (TI) LM4652TA Datasheet HTML 16Page - National Semiconductor (TI) LM4652TA Datasheet HTML 17Page - National Semiconductor (TI) LM4652TA Datasheet HTML 18Page - National Semiconductor (TI) LM4652TA Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Application Information (Continued)
C
1 should be in the range of 0.1µF to 1µF or 2 - 20% of CBYP.
R
fl1 and Rfl2 are found by the ratio Rfl1 = 10Rfl2.
A lower ratio can be used if the application is for lower output
voltages than the 125Watt, 4
Ω solution show here.
The feedback RC filter’s pole location should be higher than
the output filter pole. The reason for two capacitors in paral-
lel instead of one larger capacitor is to reduce the possible
EMI from the feedback traces. C
fl1 is placed close as pos-
sible to the output of the LM4652 so that an audio signal is
present on the feedback trace instead of a high frequency
square wave. C
fl2 is then placed as close as possible to the
feedback inputs (pins 14, 19) of the LM4651 to filter off any
noise picked up by the feedback traces. The combination
lowers EMI and provides a cleaner audio feedback signal to
the LM4651. R
f should be in range of 100kΩ to1MΩ.Cf
controls the bandwidth of the error signal and should be in
the range of 100pF to 470pF.
Determine the Value for C
START (Start Up Delay)
The start-up delay is chosen to be 1 second to ensure
minimum pops or clicks when the amplifier is powered up.
Using Equation (2), the value of C
START is 11.7µF. A standard
value of 10µF is used.
Determine the Value of Gain, R
1, and R2
The gain is set to produce a 125W output at no more than
1% distortion with a 3V
RMS input. A dissipation of 125W in a
4
Ω load requires a 22.4V
RMS signal. To produce this output
signal, the LM4651/LM4652 amplifier needs an overall
closed-loop gain of 22.4V
RMS/3VRMS, or 7.5V/V (17.5db).
Equation (12) shows all the variables that affect the system
gain.
Gain = [(R
2/R1) x ((Rfl1 +Rfl2)/ Rfl2)−(R2/R1) + .5]. (3)
The values for R
fI1,RfI2, and Rf were found in the Determine
the Value of the Filters section above. Therefore, R
fI1 =
620k
Ω,R
fI2 = 62kΩ and Rf = 390kΩ. The value of VCC was
also found as the first step in this example to be ±20V.
Inserting these values into equation (12) and reducing gives
the equation below:
R
2 = .7R1
(4)
The input resistance is desired to be 20k
Ω so R
1 is set to
20k
Ω.R
2 is then found to be 14kΩ.
Lowering R
2 direcly affects the noise of the system. Chang-
ing R
1 to increase gain with the lower value for R2 has very
little affect on the noise level. The percent change in noise is
about what whould be expected with a higher gain. The
drawback to a lower R
1 value is a larger CIN value, neces-
sary to properly couple the lowest desired signal frequen-
cies. If a 20k
Ω input impedance is not required, then the
recommended values shown in
Figure 1, Typical Audio
Application Circuit should be used: with R
1’s value set to
4.7k
Ω and R
2’s value set to 3.5kΩ for a gain 7.5V/V.
Determine the Needed Heat Sink
The only remaining design requirement is a thermal design
that prevents activating the thermal protection circuitry. Use
Equations (9) - (11) to calculate the amount of power dissi-
pation for the LM4652. The appropriate heat sink size, or
thermal resistance in ˚C/W, will then be determined.
Equation (9) determines the percentage of loss caused by
the switching. Use the typical values given in the Electrical
Characteristics for the LM4651 and Electrical Character-
istics for the LM4652 tables for the rise time, fall time and
over modulation time:
%Loss = (25ns+26ns+350ns) * 125kHz
%Loss = 5.0%
This switching loss causes a maximum power dissipation,
using Equation (10), of:
P
DSWITCH = (5.0% * 125W) / (1−5.0%)
P
DSWITCH = 6.6W
Next the power dissipation caused by the R
DS(ON) of the
output FETs is found by multiplying the output current times
the R
DS(ON). Again, the value for RDS(ON) is found from the
Electrical Characteristics for the LM4652 table above.
The value for R
DS(ON) at 100˚C is used since we are calcu-
lating the maximum power dissipation.
I
OUTRMS = SQRT(125watts/4Ω) = 5.59 amps
P
RDS(ON) = (5.59A)
2 * (0.230
Ω*2)
P
RDS(ON) = 14.4W
The total power dissipation in the LM4652 is the sum of
these two power losses giving:
P
DTOTAL = 6.6W + 14.4W = 21W
The value for Maximum Power Dissipation given in the Sys-
tem Electrical Characteristics for the LM4651 and
LM4652 is 22 watts. The difference is due to approximately
1 watt of power loss in the LM4651. The above calculations
are for the power loss in the LM4652.
Lastly, use Equation (11) to determine the thermal resistance
of the LM4652’s heat sink. The values for
θ
JC and TJMAX are
found in the Operating Ratings and the Absolute Maxi-
mum Ratings section above for the LM4652. The value of
θ
JC is 2˚C/W for the isolated (TF) package or 1˚C/W for the
non-isolated (T) package. The value for T
JMAX is 150˚C. The
value for
θ
CS is set to 0.2˚C/W since this is a reasonable
value when thermal grease is used. The maximum ambient
temperature from the design requirements is 50˚. The value
of
θ
SA for the isolated (TF) package is:
θ
SA = [(150˚C − 50˚C)/21W] − 2˚C/W − 0.2˚C/W
θ
SA = 2.5˚C/W
and for the non-isolated (T) package without a mica washer
to isolate the heat sink from the package:
θ
SA = [(150˚C − 50˚C)/21W] − 1˚C/W − 0.2˚C/W
θ
SA = 3.5˚C/W
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com