Electronic Components Datasheet Search
  English  ▼

X  

2SAR293P Datasheet(PDF) 3 Page - Rohm

Part # 2SAR293P
Description  PNP -1.0A -30V Middle Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR293P Datasheet(HTML) 3 Page - Rohm

  2SAR293P Datasheet HTML 1Page - Rohm 2SAR293P Datasheet HTML 2Page - Rohm 2SAR293P Datasheet HTML 3Page - Rohm 2SAR293P Datasheet HTML 4Page - Rohm 2SAR293P Datasheet HTML 5Page - Rohm 2SAR293P Datasheet HTML 6Page - Rohm 2SAR293P Datasheet HTML 7Page - Rohm 2SAR293P Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SAR293P
lElectrical characteristic curves
(Ta = 25°C)
Fig.1 Ground Emitter Propagation Characteristics
BASE TO EMITTER VOLTAGE : VBE [V]
Fig.2 Typical Output Characteristics
COLECTOR TO EMITTE VOLTAGE : VCE [V]
Fig.3 DC Current Gain vs. Collector Current(I)
COLLECTOR CURRENT : IC [mA]
Fig.4 DC current gain vs. output current (II)
COLLECTOR CURRENT : IC [mA]
-1
-10
-100
-1000
-1.5
-1
-0.5
0
VCE= -2V
Pulsed
Ta=125ºC
75ºC
25ºC
-
40ºC
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
Ta=25ºC
IB= -0.5mA
-
1.0mA
-
1.5mA
-
2.0mA
-
3.0mA
-
4.0mA
-
5.0mA
10
100
1000
-1
-10
-100
-1000
Ta=125ºC
75ºC
25ºC
-
40ºC
VCE= -2V
Pulsed
10
100
1000
-1
-10
-100
-1000
Ta=25ºC
VCE= -5V
-
2V
3/6
2013.04 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com