Electronic Components Datasheet Search
  English  ▼

X  

2SAR293P5 Datasheet(PDF) 2 Page - Rohm

Part # 2SAR293P5
Description  Middle Power Transistors (-30V / -1.0A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR293P5 Datasheet(HTML) 2 Page - Rohm

  2SAR293P5 Datasheet HTML 1Page - Rohm 2SAR293P5 Datasheet HTML 2Page - Rohm 2SAR293P5 Datasheet HTML 3Page - Rohm 2SAR293P5 Datasheet HTML 4Page - Rohm 2SAR293P5 Datasheet HTML 5Page - Rohm 2SAR293P5 Datasheet HTML 6Page - Rohm 2SAR293P5 Datasheet HTML 7Page - Rohm 2SAR293P5 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SAR293P5
 
   
   
   
  
   
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
-30
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-6
V
Collector current
IC
-1
A
ICP*1
-2
A
Power dissipation
PD*2
0.5
W
PD*3
2.0
W
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = -10μA
-30
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = -1mA
-30
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = -10μA
-6
-
-
V
Collector cut-off current
ICBO
VCB = -30V
-
-
-100
nA
Emitter cut-off current
IEBO
VEB = -6V
-
-
-100
nA
Collector-emitter saturation voltage
VCE(sat)
*4 IC = -500mA, IB = -25mA
-
-150
-350
mV
DC current gain
hFE
VCE = -2V, IC = -100mA
270
-
680
-
Transition frequency
fT
*4
VCE = -2V, IE = 100mA,
f = 100MHz
-
320
-
MHz
Output capacitance
Cob
VCB = -10V, IE = 0A,
f = 1MHz
-
7
-
pF
Turn-On time
ton
IC = -500mA,
IB1 = -25mA,
IB2 = 25mA,
VCC ⋍ -5V,
RL = 10Ω
See test circuit
-
60
-
ns
Storage time
tstg
-
160
-
ns
Fall time
tf
-
50
-
ns
                                        
                              
*1 Pw=10ms Sigle Pulse
*2 Each terminal mounted on a reference land.
*3 Mounted on a ceramic board(40×40×0.7 mm) .
*4 Pulsed
                                            
 
                                        
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/6
20150724 - Rev.001



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com