Electronic Components Datasheet Search
  English  ▼

X  

2SCR554P5 Datasheet(PDF) 2 Page - Rohm

Part # 2SCR554P5
Description  Middle Power Transistors (80V / 1.5A)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR554P5 Datasheet(HTML) 2 Page - Rohm

  2SCR554P5 Datasheet HTML 1Page - Rohm 2SCR554P5 Datasheet HTML 2Page - Rohm 2SCR554P5 Datasheet HTML 3Page - Rohm 2SCR554P5 Datasheet HTML 4Page - Rohm 2SCR554P5 Datasheet HTML 5Page - Rohm 2SCR554P5 Datasheet HTML 6Page - Rohm 2SCR554P5 Datasheet HTML 7Page - Rohm 2SCR554P5 Datasheet HTML 8Page - Rohm 2SCR554P5 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SCR554P5
 
   
   
   
  
   
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
1.5
A
ICP*1
3.0
A
Power dissipation
PD*2
0.5
W
PD*3
2.0
W
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = 100μA
80
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = 1mA
80
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = 100μA
6
-
-
V
Collector cut-off current
ICBO
VCB = 80V
-
-
1.0
μA
Emitter cut-off current
IEBO
VEB = 4V
-
-
1.0
μA
Collector-emitter saturation voltage
VCE(sat) IC = 500mA, IB = 25mA
-
100
300
mV
DC current gain
hFE
VCE = 3V, IC = 100mA
120
-
390
-
Transition frequency
fT
VCE = 10V, IE = -200mA,
f = 100MHz
-
300
-
MHz
Output capacitance
Cob
VCB = 10V, IE = 0A,
f = 1MHz
-
10
-
pF
Turn-On time
ton
IC = 700mA,
IB1 = 70mA,
IB2 = -70mA,
VCC ⋍ 10V,
RL = 15Ω
See test circuit
-
50
-
ns
Storage time
tstg
-
600
-
ns
Fall time
tf
-
60
-
ns
                                        
                              
*1 Pw=10ms, Single Pulse
*2 Each terminal mounted on a reference land.
*3 Mounted on a ceramic board.(40×40×0.7mm)
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/6
20150730 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com