Electronic Components Datasheet Search
  English  ▼

X  

2SCR586D Datasheet(PDF) 1 Page - Rohm

Part # 2SCR586D
Description  NPN 5.0A 80V Middle Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR586D Datasheet(HTML) 1 Page - Rohm

  2SCR586D Datasheet HTML 1Page - Rohm 2SCR586D Datasheet HTML 2Page - Rohm 2SCR586D Datasheet HTML 3Page - Rohm 2SCR586D Datasheet HTML 4Page - Rohm 2SCR586D Datasheet HTML 5Page - Rohm 2SCR586D Datasheet HTML 6Page - Rohm 2SCR586D Datasheet HTML 7Page - Rohm 2SCR586D Datasheet HTML 8Page - Rohm 2SCR586D Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2SCR586D
NPN 5.0A 80V Middle Power Transistor
Datasheet
l
lOutline
Parameter
Value
  TO-252
 
  SC-63
 
VCEO
80V
 
 
IC
5A
 
 
CPT
 
l
lFeatures
l
lInner circuit
1) Suitable for Middle Power Driver.
2) Complementary PNP Types : 2SAR586D.
3) Low VCE(sat)
  VCE(sat)=300mV(Max.).
  (IC/IB=2A/100mA)
l
lApplication
LOW FREQUENCY AMPLIFIER
l
lPackaging specifications
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
2SCR586D
TO-252
(CPT)
6595
TL
330
16
2500
CR586
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/6
20161012 - Rev.002


Similar Part No. - 2SCR586D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SCR586D ISC-2SCR586D Datasheet
268Kb / 2P
isc Silicon NPN Power Transistor
logo
Rohm
2SCR586D3 ROHM-2SCR586D3 Datasheet
1Mb / 11P
NPN 5.0A 80V Power Transistor
logo
Nanjing International G...
2SCR586D3 DGNJDZ-2SCR586D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
logo
Rohm
2SCR586D3FRA ROHM-2SCR586D3FRA Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
More results

Similar Description - 2SCR586D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
2SCR574DA07 ROHM-2SCR574DA07 Datasheet
799Kb / 7P
NPN 2.0A 80V Middle Power Transistor
2SAR586D ROHM-2SAR586D Datasheet
1Mb / 9P
PNP -5.0A -80V Middle Power Transistor
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
NPN 5.0A 30V Middle Power Transistor
2SCR586D3 ROHM-2SCR586D3 Datasheet
1Mb / 11P
NPN 5.0A 80V Power Transistor
2SCR586D3FRA ROHM-2SCR586D3FRA Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
2SCR586JFRG ROHM-2SCR586JFRG Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
NPN 4A 80V Middle Power Transistor
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
2SCR572DFHG ROHM-2SCR572DFHG Datasheet
1Mb / 8P
NPN 5.0A 30V Middle Power Transistor
20161012 - Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com