Electronic Components Datasheet Search
  English  ▼

X  

12EP3 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 12EP3
Description  Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

12EP3 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  12EP3 Datasheet HTML 1Page - TE Connectivity Ltd 12EP3 Datasheet HTML 2Page - TE Connectivity Ltd 12EP3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
27
EP / VP Series
EP & VP Series
Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Maximum leakage current each Line to Ground:
VP Models
EP Models
@ 120 VAC 60 Hz:
.73 mA
.21 mA
@250 VAC 50 Hz:
1.27 mA
.36 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
3 to 20A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Dual stage filter offers high insertion loss
• Well suited for meeting CISPR 22 A and
FCC Part 15J, Class B
• EP model meets very low leakage current
requirements
• 7A and 12A versions offer optimum package size
Ordering Information
3 EP 7 M
Suffix
M – Metric inserts (style 7 only)
Omit for standard or none
Input / Output Style
1 – .250 [6.3] spade terminals
3 – Wire leads
6 – Threaded bolt
7 – IEC inlet* (line side)
.250 [6.3] spade terminals
(load side)
EP / VP Series
EP – Low leakage (<0.5 mA)
VP – Standard (20A only)
Current Rating
3, 6, 7, 10, 12 or 20A
Specifications
Electrical Schematic
LINE
LOAD
UL Recognized
CSA Certified
VDE Approved
EP7 / VP7
EP3 / VP3
Available Part Numbers
3EP1
10EP1
3EP3
10EP3
3EP7
12EP1
3EP7M
12EP3
6EP1
20EP1
6EP3
20EP6
7EP1
20VP1
7EP3
20VP6
EP1 / VP1
*IEC 60320-1 C14 inlet mates with C13 connector
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories


Similar Part No. - 12EP3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
12EP3 MACOM-12EP3 Datasheet
72Kb / 2P
RFI Power Line Filters for Switching Power Supply Noise Suppression
12EP3 MACOM-12EP3 Datasheet
214Kb / 3P
Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
More results

Similar Description - 12EP3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
High Performance RFI Power Line Filters for Switching Power Supplies
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
3ET1 MACOM-3ET1_11 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
High Performance RFI Filters for Switching Power Supplies
3EP1 MACOM-3EP1_11 Datasheet
214Kb / 3P
Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com