Electronic Components Datasheet Search
  English  ▼

X  

39207 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 39207
Description  Reasons for reissue are provided in Section 8, REVISION SUMMARY.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

39207 Datasheet(HTML) 3 Page - Tyco Electronics

  39207 Datasheet HTML 1Page - Tyco Electronics 39207 Datasheet HTML 2Page - Tyco Electronics 39207 Datasheet HTML 3Page - Tyco Electronics 39207 Datasheet HTML 4Page - Tyco Electronics 39207 Datasheet HTML 5Page - Tyco Electronics 39207 Datasheet HTML 6Page - Tyco Electronics 39207 Datasheet HTML 7Page - Tyco Electronics 39207 Datasheet HTML 8Page - Tyco Electronics 39207 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
408- 10029
PIDG and PLASTI- GRIP Terminal and Splice Crimping Heads
3
of 9
Rev B
Tyco Electronics Corporation
1. Remove quick pins from the adapter assembly.
Refer toFigure1.
2. Insert crimping head into the adapter assembly.
3. After the crimping head is properly aligned,
insert the quick pins through the two holes in the
adapter and through the holes in the crimp head.
The quick pins will “snap” into position when they
are properly inserted.
3.3. Removal
To avoid personal injury, ALWAYS disconnect the
battery from the tool before removing crimping
head.
Remove the quick pins from the crimping head; then
remove the crimping head from the tool holder.
4. CRIMPING PROCEDURES
To avoid personal injury, ALWAYS keep fingers
clear of crimping jaws when operating the tool.
Never place anything within the crimping jaws
except Tyco Electronics terminals or splices.
4.1. Terminal Crimping Procedure
1. Strip wire to dimensions shown in Figure 2. DO
NOT nick wire strand or use wires with nicked or
missing conductor strands.
2. Center the terminal or splice wire barrel in the
appropriate crimp chamber. See Figure 3.
3. Depress the trigger to advance the moving ram.
This closes the crimp jaws in order to hold the
terminal in place. DO NOT deform the wire barrel.
4. Insert stripped wire into terminal until the end of
the conductor butts against the locator as shown in
Figure 3.
5. Activate the tool to complete the crimp. The
crimp tool automatically returns to the first position
of the cycle when the crimp is complete.
6. Refer to Section 5 and Figure 6 for crimp
inspection.
Figure 3
PIDG and PLASTI--GRIP Terminals
“C” “B”
“C” “B”
“C” “B”
PIDG
Terminal
PIDG
Nylon Insulation
Restricting
Terminal
PLASTI--GRIP
Terminal
“B” Equals Wire Barrel
“C” Equals Insulation Barrel
Terminal Tongue
Positioned Under
Locator
Locator
Locator
Wire Barrel Against Locator
4.2. Butt Splice Crimping Procedure
1. Strip wire to dimensions shown in Figure 2. DO
NOT nick wire strand or use wires with nicked or
missing conductor strands.
2. Position splice between crimping jaws so that
the window indent slides under the locator of crimp
head. See Figure 4A.
3. Depress the trigger to advance the moving ram.
This closes the crimp jaws to hold the terminal in
place. DO NOT deform the wire barrel.
4. Insert stripped wire into wire barrel of splice until
the end of the conductor is against the splice wire
stop. See Figure 4A.
5. Activate tool to complete the crimp.
6. To crimp the other half of the butt splice,
reposition it in the crimping jaws and repeat Steps
1 through 5. If the splice cannot be turned, rotate
crimping head. See Figure 4B.
NOTE
i
DANGER
DANGER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com