Electronic Components Datasheet Search
  English  ▼

X  

1N821 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 1N821
Description  TC Zener Reference Diode Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N821 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  1N821 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N821 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N821 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N821 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC Zener Reference Diode Series
Rev. V1
1N821(AUR),(UR-1) - 1N829(AUR),(UR-1)
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Metallurgically Bonded, Double Plugged
Construction
 Electrically Equivalent to CD821 - CD829
 Available in JAN, JANTX, JANTXV and JANS
Description
These 0.5 W zener diodes are electrically equivalent
to the CD821 - CD829 series diodes.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TA = +25°C (unless otherwise specified)
Part #
Nominal
Zener
Voltage
VZT @ IZT
1
Zener
Test
Current
IZT
Maximum
Zener
Impedance1
ZZT @ IZT
-55°C to +100°C
Voltage
Temperature
Stability2
3VZT @ IZT
Effective
Temperature
Coefficient
V
mA
Ω
mV
% / °C
1N821UR
1N821AUR
5.9 - 6.5
7.5
15
10
96
0.01
1N823UR
1N823AUR
5.9 - 6.5
7.5
15
10
48
0.005
1N825UR
1N825AUR
1N826UR
5.9 - 6.5
5.9 - 6.5
6.2 - 6.9
7.5
15
10
15
19
19
20
0.002
1N827UR
1N827AUR
1N828UR
5.9 - 6.5
5.9 - 6.5
6.2 - 6.9
7.5
15
10
15
9
9
10
0.001
1N829UR
1N829AUR
5.9 - 6.5
7.5
15
10
5
0.0005
1. Zener impedance is derived by superimposing on IZT at 60 HZ RMS AC current equal to 10% of IZT.
2. The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the specialized mV at
any discrete temperature between the established limits, per JEDEC standard No.5.
Absolute Maximum Ratings3,4
Parameter
Absolute Maximum
DC Power Dissipation
500 mW @ +50°C
Power Derating
4 mW / °C above +50°C
Reverse Leakage Current
IR = 2 µA, VR = 3 VDC
Operating Temperature
-65°C to +175°C
Storage Temperature
-65°C to +175°C
3. Exceeding any one or combination of these limits may cause permanent damage to this device.
4. MACOM does not recommend sustained operation near these survivability limits.


Similar Part No. - 1N821

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N821 MOTOROLA-1N821 Datasheet
36Kb / 4P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
NXP Semiconductors
1N821 PHILIPS-1N821 Datasheet
28Kb / 5P
Voltage reference diodes
1996 Mar 20
logo
Compensated Deuices Inc...
1N821 CDI-DIODE-1N821 Datasheet
97Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
76Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - 1N821

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ20EV KEC-KDZ20EV Datasheet
96Kb / 3P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W20V KEC-Z02W20V Datasheet
236Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
Zener Diode Series
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
Digitron Semiconductors
1N821 DIGITRON-1N821 Datasheet
124Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
Cystech Electonics Corp...
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
Zener Diode Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com