Electronic Components Datasheet Search
  English  ▼

X  

1N5809 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # 1N5809
Description  Popular JEDEC Registered Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N5809 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  1N5809 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N5809 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N5809 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N5809 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rectifier Diode Series
Ultrafast Recovery
Rev. V1
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
1N5807(US), 1N5809(US), 1N5811(US)
Outline Drawings
Dimensions
Inches
Millimeters
Notes
Min.
Max.
Min.
Max.
BD
0.115
0.142
2.92
3.61
3
BL
0.130
2.92
3.30
7.62
2
LD
0.3.6
3.61
0.91
1.07
2
LL
0.900
0.300
22.86
33.02
—
Inches
Millimeters
Dimensions
Min.
Max.
Min.
Max.
D
0.137
0.148
3.84
3.76
B
0.200
0.225
5.08
5.72
ECT
0.19
0.028
0.48
0.71
S
0.900
—
0.008
—
Notes:
1. Dimensions are in inches. Millimeters are given for general information only.
2. Dimension BL shall include the entire body including slugs and sections of the lead over which the
3. diameter is uncontrolled. This uncontrolled area is defined as the zone between the edge of the diode
4. body and extending 0.050 inch (1.27 mm) onto the leads.
5. Dimension BD shall be measured at the largest diameter.
6. Dimensions are pre-solder dip.
7. Minimum clearance of glass body to mounting surface on all orientations.
8. In accordance with ASME Y14.5M, diameters are equivalent to Φx symbology.
Dimensions
Inches
Millimeters
A
0.288
7.320
B
0.070
1.780
C
0.155
3.940
Note: If mounting requires adhesive separate from the
solder, an additional 0.080 inch diameter contact may be
placed in the center between the pads as an optional spot
for cement.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com