Electronic Components Datasheet Search
  English  ▼

X  

2N3902 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2N3902
Description  NPN High Power Silicon Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N3902 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N3902 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N3902 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N3902 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N3902 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN High Power Silicon Transistors
Rev. V1
2N3902 & 2N5157
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Available in JAN, JANTX, JANTXV per
MIL-PRF-19500/371
 TO-3 (TO-204AA) Package
Electrical Characteristics
1. Pulse Test: Pulse Width = 300 μs, Duty Cycle ≤2.0%.
Parameter
Test Conditions
Symbol Units
Min.
Max.
Off Characteristics
Collector - Emitter Cutoff Current
VCE = 400 Vdc, 2N3902
VCE = 500 Vdc, 2N5157
ICEO
µAdc
—
100
100
Collector - Emitter Cutoff Current
VBE = 1.5 Vdc, VCE = 700 Vdc
ICEX
µAdc
—
20
Collector - Emitter Cutoff Current
VBE = 5 Vdc, 2N3902
VBE = 6 Vdc, 2N5157
IEBO
µAdc
—
200
200
On Characteristics1
Forward Current Transfer Ratio
IC = 0.5 Adc, VCE = 5 Vdc
IC = 1.0 Adc, VCE = 5 Vdc
IC = 2.5 Adc, VCE = 5 Vdc
IC = 3.5 Adc, VCE = 5 Vdc
HFE
-
25
30
10
5
90
Collector - Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
IC = 3.5 Adc, IB = 0.7 Adc
VCE(SAT) Vdc
—
0.8
2.5
Base - Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
IC = 3.5 Adc, IB = 0.7 Adc
VCE(SAT) Vdc
—
1.5
2.0
Dynamic Characteristics
Small-Signal Short-Circuit Forward Current
Transfer Ratio
IC = 0.2 Adc, VCE = 10 Vdc, f = 1 MHz
| HFE |
-
2.5
25
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1 MHz COBO
pF
—
250
(Continued next page)


Similar Part No. - 2N3902

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3902 BOCA-2N3902 Datasheet
158Kb / 4P
HIGH VOLTAGE NPN SILICON TRANSISTORS
logo
Seme LAB
2N3902 SEME-LAB-2N3902 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
New Jersey Semi-Conduct...
2N3902 NJSEMI-2N3902 Datasheet
79Kb / 1P
SI NPN POWER BJT, I(C) = 2.5A TO 4.9A
logo
Microsemi Corporation
2N3902 MICROSEMI-2N3902 Datasheet
60Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3902 NJSEMI-2N3902 Datasheet
95Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
More results

Similar Description - 2N3902

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
HIGH POWER NPN SILICON TRANSISTORS
Jul-1997
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
HIGH POWER NPN SILICON TRANSISTORS
Jan-2000
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
HIGH-POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Comset Semiconductor
2N6253 COMSET-2N6253 Datasheet
207Kb / 4P
HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6274 NJSEMI-2N6274 Datasheet
248Kb / 2P
HIGH-POWER NPN SILICON TRANSISTORS
logo
Comset Semiconductor
2N6253 COMSET-2N6253_12 Datasheet
88Kb / 4P
HIGH POWER SILICON NPN TRANSISTORS
logo
Nell Semiconductor Co.,...
BUX48 NELLSEMI-BUX48 Datasheet
400Kb / 8P
High Power NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com