Electronic Components Datasheet Search
  English  ▼

X  

2N5151 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2N5151
Description  NPN Power Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N5151 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N5151 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N5151 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N5151 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N5151 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN Power Silicon Transistor
Rev. V1
2N5151, 2N5151L, 2N5153, 2N5153L
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0012382
1
Features
 Available in commercial, JAN, JANTX, JANTXV,
JANS and JANSR 100K rads (Si) per MIL-PRF-
19500/545
 TO-5 Package: 2N5151L, 2N5153L
 TO-39 (TO-205AD) Package: 2N5151, 2N5153
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Off Characteristics
Collector - Emitter Breakdown Voltage
IC = 100 mAdc, IB = 0
V(BR)CEO Vdc
80
—
Emitter - Base Cutoff Current
VEB = 4.0 Vdc, IC = 0
VEB = 5.5 Vdc, IC = 0
IEBO
µAdc
mAdc
—
1.0
1.0
Collector - Emitter Cutoff Current
VCE = 60 Vdc, VBE = 0
VCE = 100 Vdc, VBE = 0
ICES
µAdc
mAdc
—
1.0
1.0
Collector - Emitter Cutoff Current
VCE = 40 Vdc, IB = 0
ICEO
µAdc
—
50
On Characteristics
Forward Current Transfer Ratio
IC = 50 mAdc, VCE = 5.0 Vdc
2N5151
2N5153
IC = 2.5 Adc, VCE = 5.0 Vdc
2N5151
2N5153
IC = 5.0 Adc, VCE = 5.0 Vdc
2N5151
2N5153
HFE
-
20
50
30
70
20
40
—
—
90
200
—
—
Collector - Emitter Saturation Voltage
IC = 2.5 Adc, IB = 250 mAdc
IC = 5.0 Adc, IB = 500 mAdc
VCE(SAT) Vdc
—
0.75
1.50
Emitter - Base Voltage Non-Saturation
IC = 2.5 Adc, VCE= 5 Vdc
VBE(ON)
Vdc
—
1.45
Emitter - Base Saturation Voltage
IC = 2.5 Adc, IB = 250 mAdc
IC = 5.0 Adc, IB = 500 mAdc
VBE(SAT) Vdc
—
1.45
2.20
Dynamic Characteristics
Magnitude of Common Emitter Small-Signal
Short-Circuit Forward Current Transfer Ratio
IC = 500 mAdc, VCE = 5.0 Vdc, f = 10 mHz
2N5151
2N5153
| HFE |
-
6
7
—
Small-Signal Short-Circuit Forward Current
Transfer Ratio
IC = 100 mAdc, VCE = 5.0 Vdc, f = 10 mHz
2N5151
2N5153
HFE
-
20
50
—
Output Capacitance
VCB = 10 Vdc, IE = 0, f = 1 MHz
COBO
pF
—
250
(Continued next page)


Similar Part No. - 2N5151

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5151 SEME-LAB-2N5151 Datasheet
20Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
logo
Semicoa Semiconductor
2N5151 SEMICOA-2N5151 Datasheet
33Kb / 1P
Chip Type 2C5153 Geometry 9221 Polarity NPN
2N5151 SEMICOA-2N5151 Datasheet
55Kb / 2P
Type 2N5151 Geometry 9702 Polarity PNP
logo
Central Semiconductor C...
2N5151 CENTRAL-2N5151 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
More results

Similar Description - 2N5151

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com