Electronic Components Datasheet Search
  English  ▼

X  

2N5680 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 2N5680
Description  PNP Power Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N5680 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2N5680 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N5680 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N5680 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N5680 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP Power Silicon Transistor
Rev. V1
2N5679 & 2N5680
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0013426
2
Absolute Maximum Ratings
Ratings
Symbol
Value
Collector - Emitter Voltage
2N5679
2N5680
VCEO
100 Vdc
120 Vdc
Collector - Base Voltage
2N5679
2N5680
VCBO
100 Vdc
120 Vdc
Emitter - Base Voltage
VEBO
4 Vdc
Base Current
IB
0.5 Adc
Collector Current
IC
1.0 Adc
Total Power Dissipation
@ TA = 25°C
@ TC = 100°C
PT
1 W
10 W
Operating & Storage Temperature Range
TOP, TSTG
-65°C to +200°C
Thermal Characteristics
Characteristics
Symbol
Max. Value
Thermal Resistance, Junction to Case
RθJC
7°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com