Electronic Components Datasheet Search
  English  ▼

X  

CPC5903GSTR Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC5903GSTR
Description  Bidirectionally Buffers I2C SDA Signal
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903GSTR Datasheet(HTML) 5 Page - IXYS Corporation

  CPC5903GSTR Datasheet HTML 1Page - IXYS Corporation CPC5903GSTR Datasheet HTML 2Page - IXYS Corporation CPC5903GSTR Datasheet HTML 3Page - IXYS Corporation CPC5903GSTR Datasheet HTML 4Page - IXYS Corporation CPC5903GSTR Datasheet HTML 5Page - IXYS Corporation CPC5903GSTR Datasheet HTML 6Page - IXYS Corporation CPC5903GSTR Datasheet HTML 7Page - IXYS Corporation CPC5903GSTR Datasheet HTML 8Page - IXYS Corporation CPC5903GSTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5903
R02
www.ixysic.com
5
1.8 Switching Specifications
1 Refer to “Side A to Side B Switching Waveforms” on page 6
2 Refer to “IOB to IOA Switching Waveforms” on page 6
Parameter
Conditions
Symbol
Min
Typ
Max
Units
I2C Clock Frequency
IIOA=6mA,
CLOADA=400pF
IOB=IIOB=3mA, CLOADB=200pF
fMAX
500
-
-
kHz
IOB=IIOB=6mA, CLOADB=400pF,
VDDB 4.5V
Propagation Delay A to B 1
VDDA=VDDB=3.3V,
RPUA=475,
RPUB=825
CI_A=CI_B=20pF
ns
Falling
0.5VDDA to 0.5VDDB
tPHL_AB
-60
135
Rising
tPLH_AB
-122
270
Propagation Delay IOB to IOA
ns
Falling
0.2VDDB to 0.5VDDA
tPHL_BA
-90
170
Rising
tPLH_BA
-165
275
Propagation Delay IOB to IOA to IOB
Rising
0.2VDDB to 0.5VDDB
tPLH_BAB
-290
480
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com