Electronic Components Datasheet Search
  English  ▼

X  

TSOP53333 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # TSOP53333
Description  IR Receiver Modules for Remote Control Systems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP53333 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button TSOP53333 Datasheet HTML 9Page - Vishay Siliconix TSOP53333 Datasheet HTML 10Page - Vishay Siliconix TSOP53333 Datasheet HTML 11Page - Vishay Siliconix TSOP53333 Datasheet HTML 12Page - Vishay Siliconix TSOP53333 Datasheet HTML 13Page - Vishay Siliconix TSOP53333 Datasheet HTML 14Page - Vishay Siliconix TSOP53333 Datasheet HTML 15Page - Vishay Siliconix TSOP53333 Datasheet HTML 16Page - Vishay Siliconix TSOP53333 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SMD Tape and Reel
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 01-Jul-16
6
Document Number: 80125
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPING VERSION TSOP..TT1, TSOP..TT2 (TOP VIEW) DIMENSIONS in millimeters
D. Belobog (TSOP37...TT1, TSOP37...TT2, TSOP57...TT1, TSOP57...TT2)
Leader and trailer tape:
Parts mounted
Empty trailer 200 mm min.
Empty leader 400 mm min.
Direction of pulling out
Unreel direction
Label posted here
coming out from reel
Tape position
(12.4)
18.4 max.
Ø 13 ± 0.2
Ø 21 ± 0.8
100 mm min. with cover tape
X 2:1
Tape and reel dimensions:
(2)
(8)
(4)
(Ø 1.5)
(0.3)
Reel size "Y"
TT1 Ø 180 ± 2 = 1800 pcs.
TT2 Ø 330 ± 2 = 7000 pcs.
(1.2)
Technical drawings
according to DIN
specifications
Not indicated tolerances ± 0.1
Drawing-No.: 9.700-5347.01-4
Issue: 1; 14.11.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com