Electronic Components Datasheet Search
  English  ▼

X  

MJ3202 Datasheet(PDF) 1 Page - Seme LAB

Part # MJ3202
Description  Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MJ3202 Datasheet(HTML) 1 Page - Seme LAB

  MJ3202 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MJ3202
Bipolar NPN Device.
V
CEO =
300V
I
C = 0.1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
300
V
I
C(CONT)
0.1
A
h
FE
@ 10.0/0.05 (V
CE / IC)
30
200
-
f
t
15M
Hz
P
D
15
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
TO66 (TO213AA)
PINOUTS
1 – Base
2 – Emitter
Case – Collector
Bipolar NPN Device in a
Hermetically sealed TO66
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
3.68
(0.145) rad.
max.
3.61 (0.142)
4.08(0.161)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
1
2


Similar Part No. - MJ3202

ManufacturerPart #DatasheetDescription
logo
Seme LAB
MJ3238 SEME-LAB-MJ3238 Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
MJ3248 SEME-LAB-MJ3248 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR TRANSISTOR
More results

Similar Description - MJ3202

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N4232 SEME-LAB-SF_2N4232 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
BUX61 SEME-LAB-BUX61 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
BUX60 SEME-LAB-BUX60 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
MJ4401 SEME-LAB-MJ4401 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
MJ3101 SEME-LAB-MJ3101 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
2N5050 SEME-LAB-2N5050 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
BUX62 SEME-LAB-BUX62 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
2N5610 SEME-LAB-2N5610 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
2N5051 SEME-LAB-2N5051 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
2N5598 SEME-LAB-2N5598 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com