Electronic Components Datasheet Search
  English  ▼

X  

KTLP3502STLD Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KTLP3502STLD
Description  8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP3502STLD Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KTLP3502STLD Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP3502STLD Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP3502STLD Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP3502STLD Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP3502STLD Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP3502STLD Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP3502STLD Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP3502STLD Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP3502STLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P45001.2
- 5 -
http://www.cosmo-ic.com
cosmo
KTLP3502 Series
8PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Fig.7 On-state Characteristics
-3
-0.8
-2
-1
0
1
2
3
-0.6
-0.4
-0.2
0
+ 0.2
+ 0.4
+ 0.6
+ 0.8
O utp ut p ulse w idth 80 us
I
=30 m A , f=60 H z, T a=25 °C
F
On-state Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com