Electronic Components Datasheet Search
  English  ▼

X  

2N6250 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 2N6250
Description  NPN Darlington Power Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N6250 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2N6250 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N6250 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N6250 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N6250 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN Darlington Power Silicon Transistor
Rev. V1
2N6249, 2N6250, & 2N6251
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0013428
2
Absolute Maximum Ratings
2. Derate linearly @ 34.2 mW / °C for TA >25°C.
3. Derate linearly @ 1.0 mW / °C for TC >27°C.
Ratings
Symbol
2N6249
2N6250
2N6251
Units
Collector - Emitter Voltage
VCEO
200
275
350
Vdc
Collector - Base Voltage
VCBO
300
375
450
Vdc
Emitter - Base Voltage
VEBO
6
Vdc
Collector Current
IC
Adc
10
Base Current
IB
5
Adc
Total Power Dissipation
@ TA = +25°C
2
@ TA = +25°C
3
PT
6
175
W
Operating & Storage Temperature Range
TOP, TSTG
-65 to +200
°C
Thermal Characteristics
Characteristics
Symbol
Max. Value
Thermal Resistance, Junction to Case
RθJC
1.25°C/W
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Dynamic Characteristics
Small-Signal Short-Circuit Forward Current
Transfer Ratio
IC = 1 Adc, VCE = 10 Vdc, f = 1 kHz
| HFE |
-
2.5
15.0
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1 MHz COBO
pF
—
500
Switching Characteristics
Turn-On Time
VCC = 200 Vdc; IC = 1 Adc;
IB1 = 1.0 Adc, 2N6249
IB1 = 1.25 Adc, 2N6250
IB1 = 1.67 Adc, 2N6251
TON
µs
—
2.0
Turn-Off Time
VCC = 200 Vdc; IC = 1 Adc;
IB1 = 1.0 Adc, 2N6249
IB1 = 1.25 Adc, 2N6250
IB1 = 1.67 Adc, 2N6251
TOFF
µs
—
4.5
Safe Operating Area
DC Tests:
TC = +25 °C, I Cycle, t = 1.0 s (see figure 12 of MIL-PRF-19500/371)
Test 1:
VCE = 17.5 Vdc, IC = 10 Adc
Test 2:
VCE = 30 Vdc, IC = 5.8 Adc
Test 3:
VCE = 100 Vdc, IC = 0.3 Adc
Test 4:
VCE = 200 Vdc, IC = 0.13 Adc, (for 2N6249 only)
Test 5:
VCE = 275 Vdc, IC = 0.09 Adc, (for 2N6250 only)
Test 3:
VCE = 350 Vdc, IC = 0.09 Adc, (for 2N6251 only)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com