Electronic Components Datasheet Search
  English  ▼

X  

S4KBJ80-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S4KBJ80-C
Description  4.0 Amp Glass Passivited Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S4KBJ80-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S4KBJ80-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S4KBJ80-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S4KBJ20-C ~ S4KBJ80-C
Voltage 200V ~ 800V
4.0 Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
20-Jun-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
FEATURES
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has Underwriters Laboratory
flammability classification 94V-0
These are Halogen & Pb Free components
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
S4KBJ20-C
S4KBJ40-C
S4KBJ60-C
S4KBJ80-C
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
V
Average Rectified Output
Current @50HZ sine
wave, R-load
TC=108°C
(with heat sink)
IO
4
A
TA=25°C
(without heat sink)
2.3
Peak Forward Surge Current @
50HZ sine wave, 1 cycle, TA=25°C
IFSM
120
A
Maximum Peak Forward Voltage
3
VFM
1.05
V
Peak Reverse Current
2
IRRM
10
µA
I
2t Rating for Fusing @1ms≤t<8.3ms,
TJ=25°C,Rating of per diode
I
2t
60
A
2s
Mounting Torque @ Recommend torque:5kg·cm
TOR
8
Kg‧cm
Dielectric Strength
1
Vdis
2
kV
Typical Thermal Resistance (with heat sink)
RθJC
5.5
°C/W
Typical Thermal Resistance
RθJA
30
°C/W
Typical Thermal Resistance(without heat sink)
RθJL
6
°C/W
Operating and Storage temperature range
TJ,TSTG
150, -40~150
°C
Notes:
1.
Terminals to case,AC 1 minute
2.
VRM=VRRM, Pulse measurement, Rating of per diode.
3.
IFM=2.0A, Pulse measurement, Rating of per diode
KBJ
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
24.7
25.3
J
0.6
0.8
B
14.7
15.3
K
7.3
7.7
C
4.4
4.8
L
1.5
1.9
D
17.0
18.0
M
1.7
2.1
E
3.0 x 45°
N
1.05
1.45
F
3.1
3.4
P
3.3
3.8
G
4.0
Q
9.3
9.7
H
2.5
2.9
R
3.1
3.4
I
0.9
1.1
S
3.4
3.8


Similar Part No. - S4KBJ80-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S4KBJ20 SECOS-S4KBJ20_15 Datasheet
264Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
More results

Similar Description - S4KBJ80-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
4GBJ4005 SECOS-4GBJ4005 Datasheet
987Kb / 2P
Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
S4GBP20 SECOS-S4GBP20_15 Datasheet
213Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
S4KBJ20 SECOS-S4KBJ20_15 Datasheet
264Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
S4KBP20 SECOS-S4KBP20_15 Datasheet
227Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
S6GBP20 SECOS-S6GBP20_15 Datasheet
213Kb / 2P
6.0 Amp Glass Passivited Bridge Rectifiers
S4GBL20-C SECOS-S4GBL20-C Datasheet
189Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
S4GBP20-C SECOS-S4GBP20-C Datasheet
213Kb / 2P
4.0 Amp Glass Passivited Elektronische Bauelemente Bridge Rectifiers
S4GVB20-C SECOS-S4GVB20-C Datasheet
250Kb / 2P
4.0 Amp Glass Passivited Elektronische Bauelemente Bridge Rectifiers
S4KBP20-C SECOS-S4KBP20-C Datasheet
227Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com