Electronic Components Datasheet Search
  English  ▼

X  

SI-3000C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SI-3000C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI-3000C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SI-3000C Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3000C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
39
ITa-PD Characteristics
PD=IO•[VIN(mean)–VO]
GSI-3000C Series
15
20
10
5
0
–30
0
25
50
Ambient Temperature Ta (
°C)
75
100
75
×75×2mm (7.6°C/W)
100
×100×2mm (5.2°C/W)
200
×200×2mm (2.3°C/W)
Infinite heatsink
Without heatsink
With Silicon Grease
Heatsink: Aluminum



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com