Electronic Components Datasheet Search
  English  ▼

X  

SM2965 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SM2965
Description  8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SM2965 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SM2965 Datasheet HTML 9Page - List of Unclassifed Manufacturers SM2965 Datasheet HTML 10Page - List of Unclassifed Manufacturers SM2965 Datasheet HTML 11Page - List of Unclassifed Manufacturers SM2965 Datasheet HTML 12Page - List of Unclassifed Manufacturers SM2965 Datasheet HTML 13Page - List of Unclassifed Manufacturers SM2965 Datasheet HTML 14Page - List of Unclassifed Manufacturers SM2965 Datasheet HTML 15Page - List of Unclassifed Manufacturers SM2965 Datasheet HTML 16Page - List of Unclassifed Manufacturers SM2965 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image

              
   
 



.+)#
&"#
1
!."1
<1  1
/+7
!0
0+)+"%%$)


J
$*
@ 
%"".4#*
1
 1
 1
@
 
;#&
8&#;L%&.
1



 
;#&




 
;#&




 
   !  

 $   
3
@9
"%9#,@#*
"# KE0
@9
"%9#,@#*
/EI!09
@ "%*@#*
"# KE0
@ "%*@#*
/EI!09
@89 8%"%9#,@#*
"# 09EKED
@89 8%"%9#,@#*
"#
@8 8%"%*@#*
"#
@8 8%"%*@#*
"#09EKED
9
9#*& "%%
"#
!9
9#*&!#% "#
9
"%97*%
"# KE0
//E /%$#,/& /E
8
"&&

#,%"".%
@$$
 
2  M."&#"*&#$#4$#' 3
B

@&&
/!
I!09
I!09
@
@
8
E0
2D3
#&7*
$+#$&&%

@&&
@&&
/!
I!09
I!09
@
@
8
E0
2D3
#&7*
0&4+#$&&%
'

'

1
<1

!#$#
( 1
1
J N@&&
1
N@&&
1
N@&&
1'
1'
@&&B 1
@&&B 1
1
1
(J
(







J1

@
@
@
@
@
@
@
@
@
@
%0
%0
%0
#+
";
+0
+0
+0
+0
+0
+0
%0
@&&H @
O
O
O
89H1+0
89H1+0
8H(' %0
8H(' %0
8H( %0
8H( %0
@H 1 @
@H1 @
1 @P@P@&&
;LH!H 
0&4+#$ 
0&4+#$ 
0&4+#$
$+#$ 
$+#$ 
$+#$
#,$#,+#$



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com