Electronic Components Datasheet Search
  English  ▼

X  

2N6286 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2N6286
Description  PNP Darlington Power Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N6286 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N6286 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N6286 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N6286 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N6286 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP Darlington Power Silicon Transistor
Rev. V1
2N6286 & 2N6287
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0013433
1
Features
 Available in JANTX and JANTXV per
MIL-PRF-19500/505
 TO-3 (TO-204AA) Package
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Off Characteristics
Collector - Emitter Breakdown Voltage
IC = 100 mAdc
2N6286
2N6287
V(BR)CEO Vdc
80
100
—
Collector - Emitter Cutoff Current
VCE = 40 Vdc, 2N6286
VCE = 50 Vdc, 2N6287
ICEO
mAdc
—
1.0
Collector - Emitter Cutoff Current
VCE = 80 Vdc, VBE = -1.5 Vdc, 2N6286
VCE = 100 Vdc, VBE = -1.5 Vdc, 2N6287
ICEX
mAdc
—
0.5
Collector - Base Cutoff Current
VEB = 7 Vdc
IEBO
mAdc
—
2.0
On Characteristics1
Forward Current Transfer Ratio
IC = 1 Adc, VCE = 3 Vdc
IC = 6 Adc, VCE = 3 Vdc
IC = 12 Adc, VCE = 3 Vdc
HFE
-
1000
1000
150
18000
Collector - Emitter Saturation Voltage
IC = 20 Adc, IB = 200 mAdc
IC = 10 Adc, IB = 40 mAdc
VCE(SAT) Vdc
—
3.0
2.0
Base - Emitter Saturation Voltage
IC = 20 Adc, IB = 200 mAdc
VBE(SAT) Vdc
—
4.0
Base - Emitter Voltage
IC = 10 Adc, IB = 3 Vdc
VBE
Vdc
—
2.8
Dynamic Characteristics
Magnitude of Common
Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 10 Adc, VCE = 3 Vdc, f = 1 kHz
| HFE |
-
8
80
Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 10 Adc, VCE = 3 Vdc, f = 1 kHz
HFE
-
300
—
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1 MHz
COBO
pF
—
400
Switching Characteristics
Turn-On Time
VCC = 30 Vdc; IC = 10 Adc; IB1 = 40 mAdc
TON
µs
—
2
Turn-Off Time
VCC = 30 Vdc; IC = 10 Adc; IB1 = 40 mAdc
TOFF
µs
—
10
Safe Operating Area
DC Tests:
TC = +25 °C, I Cycle, t = 1.0 s
Test 1:
VCE = 8.75 Vdc, IC = 20 Adc
Test 2:
VCE = 30 Vdc, IC = 5.8 Adc
Test 3:
VCE = 80 Vdc, IC = 100 mAdc
VCE = 100 Vdc, IC = 100 mAdc
1. Pulse Test: Pulse Width = 300 μs, Duty Cycle ≤2.0%.


Similar Part No. - 2N6286

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6286 MOSPEC-2N6286 Datasheet
211Kb / 4P
POWER TRANSISTORS(20A,160W)
logo
ON Semiconductor
2N6286 ONSEMI-2N6286 Datasheet
214Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
Boca Semiconductor Corp...
2N6286 BOCA-2N6286 Datasheet
218Kb / 4P
DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N6286 MICROSEMI-2N6286 Datasheet
58Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
ON Semiconductor
2N6286 ONSEMI-2N6286 Datasheet
87Kb / 8P
Darlington Complementary Silicon Power Transistors
May, 2001 ??Rev. 1
More results

Similar Description - 2N6286

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N6285 COMSET-2N6285 Datasheet
80Kb / 3P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com