Electronic Components Datasheet Search
  English  ▼

X  

2N6299 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2N6299
Description  PNP Darlington Power Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N6299 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N6299 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N6299 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N6299 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP Darlington Power Silicon Transistor
Rev. V1
2N6298 & 2N6299
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0013435
1
Features
 Available in JAN, JANTX, JANTXV per
MIL-PRF-19500/540
 TO-66 (TO-213AA) Package
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Off Characteristics
Collector - Emitter Breakdown Voltage
IC = 100 mAdc, 2N6298
IC = 100 mAdc, 2N6299
V(BR)CEO Vdc
60
80
—
Collector - Emitter Cutoff Current
VCE = 30 Vdc, 2N6298
VCE = 40 Vdc, 2N6299
ICEO
mAdc
—
0.5
Collector - Emitter Cutoff Current
VCE = 60 Vdc, VBE = 1.5 Vdc, 2N6298
VCE = 80 Vdc, VBE = 1.5 Vdc, 2N6299
ICEX
µAdc
—
10
Emitter - Base Cutoff Current
VEB = 5 Vdc
IEBO
mAdc
—
2
On Characteristics1
Forward Current Transfer Ratio
IC = 1 Adc, VCE = 3 Vdc
IC = 4 Adc, VCE = 3 Vdc
IC = 8 Adc, VCE = 3 Vdc
HFE
-
500
750
100
18,000
Collector - Emitter Saturation Voltage
IC = 4 Adc, IB = 16 Adc
IC = 8 Adc, IB = 80 Adc
VCE(SAT) Vdc
—
2.0
Base - Emitter Saturation Voltage
IC = 8 Adc, IB = 80 Adc
VCE(SAT) Vdc
—
4.0
Base - Emitter Voltage
IC = 4 Adc, VCE = 10 Vdc
VBE(ON)
Vdc
—
2.8
Dynamic Characteristics
Magnitude of Common Emitter Small-Signal
Short-Circuit Forward Current Transfer Ratio
IC = 3 Adc, VCE = 3 Vdc, f = 1.0 kHz
| HFE |
-
25
350
Small-Signal Short-Circuit Forward Current
Transfer Ratio
IC = 3 Adc, VCE = 3 Vdc, f = 1.0 kHz
| HFE |
-
300
—
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1 MHz COBO
pF
—
200
Switching Characteristics
Turn-On Time
VCC = 30 Vdc; IC = 4.0 Adc;
IB1 = 16 mAdc
TON
µs
—
2.0
Turn-Off Time
VCC = 30 Vdc; IC = 4.0 Adc;
IB1 = 16 mAdc
TOFF
µs
—
8.0
Safe Operating Area
DC Tests:
TC = +25 °C, I Cycle, t = 1.0 s
Test 1:
VCE = 8.0 Vdc, IC = 8.0 Adc
Test 2:
VCE = 20 Vdc, IC = 2.0 Adc
Test 3:
VCE = 60 Vdc, IC = 100 Adc, 2N6298
VCE = 80 Vdc, IC = 100 Adc, 2N6299
1. Pulse Test: Pulse Width = 300 μs, Duty Cycle ≤2.0%.


Similar Part No. - 2N6299

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6299 MOSPEC-2N6299 Datasheet
177Kb / 4P
POWER TRANSISTORS(8A, 75W)
logo
Boca Semiconductor Corp...
2N6299 BOCA-2N6299 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N6299 MICROSEMI-2N6299 Datasheet
65Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6299 CENTRAL-2N6299 Datasheet
51Kb / 1P
Power Transistors
logo
Savantic, Inc.
2N6299 SAVANTIC-2N6299 Datasheet
116Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2N6299

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N6285 COMSET-2N6285 Datasheet
80Kb / 3P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com