Electronic Components Datasheet Search
  English  ▼

X  

ACTF9402 Datasheet(PDF) 6 Page - Advanced Crystal Technology

Part # ACTF9402
Description  Low-loss RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9402 Datasheet(HTML) 6 Page - Advanced Crystal Technology

  ACTF9402 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9402 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9402 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9402 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9402 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9402 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Outer Packing
Type
Quantity
Dimension
Description
Weight
Carton Box Ⅰ
10000
190×190×95
anti-static plastic bag & carton box
1 reel / bag
5 bags / box (10000 pcs)
10 bags / box (20000 pcs)
0.85
Carton Box Ⅱ
20000
190×190×190
1.80
Unit: mm
Unit: kg
Recommended Soldering Profile
C ACT 2014. All Rights Reserved.
1.
The specifications of this device are subject to change or obsolescence without notice.
2.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility
of the equipment manufacturer.
3.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes
and circuits implemented within components or assemblies.



Html Pages

1 2 3 4 5 6