Electronic Components Datasheet Search
  English  ▼

X  

ACTF9401 Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACTF9401
Description  RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9401 Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACTF9401 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9401 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9401 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9401 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9401 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9401 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Stability Characteristics
Test item
Condition of test
1
Mechanical shock
(a) Drops: 3 times on concrete floor
(b) Height: 1.0 m
2
Vibration resistance
(a) Frequency of vibration: 10~55Hz
(b) Amplitude: 1.5 mm
(c) Directions: X,Y and Z
(d) Duration: 2 hours
3
Moisture resistance
(a) Condition: 40°C, 90~95% R.H.
(b) Duration: 96 hours
(c) Wait 4 hours before measurement
4
Climatic sequence
(a) +70°C for 16 hours
(b) +55°C for 24 hours, 90~95% R.H.
(c) -25°C for 2 hours
(d) +40°C for 24 hours, 90~95% R.H.
(e) Wait 4 hours before measurement
5
High temperature exposure
(a) Temperature: 70°C
(b) Duration: 250 hours
(c) Wait 4 hours before measurement
6
Thermal impact
(a) +70°C for 30 minutes
⇒ -25°C for 30 minutes repeated 3 times
(b) Wait 4 hours before measurement
Requirements: The SAW filer shall remain within the electrical specifications after tests.
Remarks
SAW devices should not be used in any type of fluid such as water, oil, organic solvent, etc.
Be certain not to apply voltage exceeding the rated voltage of components.
Do not operate outside the recommended operating temperature range of components.
Sudden change of temperature shall be avoided, deterioration of the characteristics can
occur.
Be careful of soldering temperature and duration of components when soldering.
Do not place soldering iron on the body of components.
Be careful not to subject the terminals or leads of components to excessive force.
SAW devices are electrostatic sensitive. Please avoid static voltage during operation and
storage.
Ultrasonic cleaning shall be avoided. Ultrasonic vibration may cause destruction of
components.
Test Circuit
Recommended Land Pattern



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com