Electronic Components Datasheet Search
  English  ▼

X  

ACTF9376 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9376
Description  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9376 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9376 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9376 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9376 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9376 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9376 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9376 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9376 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
-
2345
-
MHz
Maximum Insertion Loss in 2320 MHz–2370MHz
IL
-
2.6
3.2
dB
Amplitude Variation in 2320 MHz–2370MHz
0.7
1.2
dB
Absolute Attenuation
α
0.30 … 2170.0MHz
30
33
-
dB
2170.0 … 2190.0 MHz
30
34
-
dB
2190.0 … 2300.0 MHz
4
8.5
2400.0 … 2460.0 MHz
12
15
-
dB
2460.0 … 2585.0 MHz
30
40
-
dB
2585.0 … 3000.0 MHz
25
35
--
dB
Input VSWR in 2320 MHz–2370MHz
-
1.8:1
2.0:1
Output VSWR in 2320 MHz–2370MHz
-
1.8:1
2.0:1
Group delay ripple
2320 MHz–2370MHz
15
30
ns
Source / Load Impedance (single ended)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 3 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com