Electronic Components Datasheet Search
  English  ▼

X  

ACTF9357 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9357
Description  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9357 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9357 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9357 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9357 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9357 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9357 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9357 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9357 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Maximum Ratings
Rating
Value
Unit
Input Power Level
P
24.5 dBm CW,Ta=85°C,life time>2 hurs
24 dBm CW,Ta=95°C,life time>2 hurs
18 dBm CW,Ta=85°C,life time>1000 hurs
17 dBm CW,Ta=95°C,life time>1000 hurs
13 dBm CW,Ta=85°C,life time>100,000 hurs
12 dBm CW,Ta=95°C,life time>100,000hurs
DC Voltage
VDC
0
V
ESD Voltage (HB)
VESD
150
V
Operating Temperature Range
TA
-40 ~ +95
°C
Storage Temperature Range
Tstg
-40 ~ +95
°C
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
-
2140
-
MHz
Maximum Insertion Loss in 2110 MHz–2170 MHz
IL
-
3.0
3.5
dB
Amplitude Variation in 2110 MHz–2170 MHz
1.0
1.5
dB
Absolute Attenuation
α
50.0 … 1400.0 MHz
22
27
-
dB
1400.0 … 1910.0 MHz
25
28
-
dB
1910.0 … 1980.0 MHz
30
38
-
dB
2300.0 … 3700.0 MHz
25
30
--
dB
3700.0 … 5300.0 MHz
20
25
--
dB
5300.0 … 5700.0 MHz
15
18
--
dB
Input VSWR in 2110 MHz–2170 MHz
-
1.5:1
2.0:1
Output VSWR in 2110 MHz–2170 MHz
-
1.5:1
2.0:1
Group delay ripple
2110 MHz–2170 MHz
10
30
ns
Source / Load Impedance (single ended)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
- 3 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com