Electronic Components Datasheet Search
  English  ▼

X  

ACTF9295 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9295
Description  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9295 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9295 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9295 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
1842.5
MHz
Insertion Loss
IL
1805.00 …. 1880.00 MHz
--
2.8
4.0
dB
Group Delay Ripple
1805.00 …. 1880.00 MHz
10
30
ns
Absolute Attenuation
α
DC …. 1720.00 MHz
19
21
dB
1720.00 …. 1765.00 MHz
25
30
dB
1765.00 …. 1785.00 MHz
6
16
dB
1920.00 …. 1930.00MHz
15
38
dB
1930.00 …. 3120.00 MHz
20
24
dB
3120.00 …. 4000.00 MHz
17
30
dB
Amplitude Ripple (p-p) 1805.00 …. 1880.00 MHz
Δα
1.0
2.5
dB
Intput
VSWR
1805.00 …. 1880.00 MHz
2.3:1
3.0:1
Output
VSWR
1805.00 …. 1880.00 MHz
2.3:1
3.0:1
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 3 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com