Electronic Components Datasheet Search
  English  ▼

X  

ACTF9226 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9226
Description  Low-loss RF filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9226 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9226 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9226 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9226 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9226 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9226 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9226 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9226 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SAW Filter
NDF9226
1950MHz
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
1950
MHz
Insertion Loss
IL
1920.00 …. 1980.00 MHz
--
3.0
3.5
dB
Group Delay Ripple
1920.00 …. 1980.00 MHz
10 **
40
ns
Absolute Attenuation
α
DC …. 1400.00 MHz
22
25
dB
1400.00 …. 1495.00 MHz
25
28
dB
1495.00 …. 1700.00 MHz
28
31
dB
1700.00 …. 1870.00 MHz
30
34
dB
1870.00 …. 1880.00 MHz
20
*)
30
dB
2000.00 …. 2015.00 MHz
3.5
6.0
dB
2015.00 …. 2030.00 MHz
8
20
dB
2030.00 …. 2050.00 MHz
35
45
dB
2050.00 …. 2080.00 MHz
33
37
dB
2080.00 …. 2170.00 MHz
30
34
dB
2170.00 …. 5000.00 MHz
25
30
dB
5000.00 …. 5800.00 MHz
10
12
dB
5800.00 …. 6000.00 MHz
8
10
dB
Amplitude Ripple (p-p) 1920.00 …. 1980.00 MHz
Δα
1.5
2.1
dB
Return loss
1920.00 …. 1980.00 MHz
8
10
dB
Input / Output Impedance (Nominal)
50
Ω
Temperature coefficient of frequency
TCf
—
-35
ppm/K
RoHS Compliant*):
*) min. 15 dB (T > 45 °C)
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com