Electronic Components Datasheet Search
  English  ▼

X  

ACTF9205 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF9205
Description  Low-loss RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9205 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF9205 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9205 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9205 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9205 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9205 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9205 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACTF9205-2345-DCC6C
Features
Low-loss RF filter
High Rejection
Single Ended Operation at 50Ω without matching
Ceramic Package for Surface Mounted
T
echnology (SMT)
Lead-free Production and RoHS Compliance
Package Dimensions
Ceramic Package: DCC6C
Pin Configuration
2
Input
5
Output
1, 3, 4, 6
Case Ground
1, 3, 4, 6
To Be Grounded
Marking
Laser Marking
Maximum Ratings
Rating
Value
Unit
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
DC Voltage (between any Terminals)
VDC
12
V
RF Power (in BW)
P
10max.
dBm


Similar Part No. - ACTF9205

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9201 ACT-ACTF9201 Datasheet
505Kb / 7P
SAW BANDPASS FILTER
ACTF9201-2535MHZ-DCC6C ACT-ACTF9201-2535MHZ-DCC6C Datasheet
505Kb / 7P
SAW BANDPASS FILTER
More results

Similar Description - ACTF9205

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9402 ACT-ACTF9402 Datasheet
372Kb / 6P
Low-loss RF filter
ACTF9389 ACT-ACTF9389 Datasheet
312Kb / 5P
Low-loss RF filter
ACTF9228 ACT-ACTF9228 Datasheet
240Kb / 6P
Low-loss RF filter
ACTF9226 ACT-ACTF9226 Datasheet
491Kb / 7P
Low-loss RF filter
ACTF9194 ACT-ACTF9194 Datasheet
665Kb / 6P
Low-loss RF filter
ACTF9191 ACT-ACTF9191 Datasheet
503Kb / 5P
Low-loss RF filter
ACTF9188 ACT-ACTF9188 Datasheet
696Kb / 6P
Low-loss RF filter
ACTF8092 ACT-ACTF8092 Datasheet
439Kb / 7P
Low-loss RF filter
ACTF8035 ACT-ACTF8035 Datasheet
337Kb / 5P
Low-loss RF filter
ACTF8026 ACT-ACTF8026 Datasheet
308Kb / 2P
RF low-loss filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com