Electronic Components Datasheet Search
  English  ▼

X  

ACTF9201 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9201
Description  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9201 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9201 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9201 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9201 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9201 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9201 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9201 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9201 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
2535
MHz
Insertion Loss
IL
2500.00 …. 2570.00 MHz
--
1.8
2.6
dB
Group Delay Ripple
2500.00 …. 2570.00 MHz
8
20
ns
Absolute Attenuation
α
DC …. 1000.00 MHz
23
28
dB
1000.00 …. 2400.00 MHz
23
28
dB
2400.00 …. 2460.00 MHz
15
27
dB
2620.00 …. 2690.00 MHz
28
38
dB
2690.00 …. 3000.00 MHz
30
34
dB
3000.00 …. 3500.00 MHz
30
34
dB
3500.00 …. 5000.00 MHz
20
dB
Amplitude Ripple (p-p) 2500.00 …. 2570.00 MHz
Δα
0.9
1.5
dB
Intput
VSWR
2500.00 …. 2570.00 MHz
1.2:1
2.0:1
Output
VSWR
2500.00 …. 2570.00 MHz
1.2:1
2.0:1
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 3 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com