Electronic Components Datasheet Search
  English  ▼

X  

ACTF9199 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9199
Description  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9199 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9199 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9199 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9199 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9199 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9199 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9199 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9199 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Maximum Ratings
Rating
Value
Unit
Input Power Level
P
15 dBm CW,Ta=85°C,life time>10 000 hurs
14 dBm CW,Ta=95°C,life time>10 000 hurs
20dBm CW,Ta=85°C,pass band top frequency,
test 1000 hours continuously ,electrical
characters meet demand;
19dBm CW,Ta=95°C,pass band top frequency,
test 1000 hours continuously ,electrical
characters meet demand;
23dBm CW,Ta=85°C,pass band top frequency,
test 2 hours continuously ,electrical characters
meet demand;
22dBm CW,Ta=95°C,pass band top frequency,
test 2 hours continuously ,electrical characters
meet demand;
DC Voltage
VDC
12
V
ESD Voltage (HB)
VESD
150
V
Operating Temperature Range
TA
-40 ~ +95
°C
Storage Temperature Range
Tstg
-40 ~ +95
°C
Electrical Characteristics
Parameter
Unit
Minimum
Typical
Maximum
Center
frequency
MHz
942.5
Insertion Loss (925~960MHz)
dB
3.2
*)
4.5
*)
3.2
**)
5.0
**)
Amplitude Variation(925~960MHz)
dB
1.3
*)
2.8
*)
1.6
**)
3.3
**)
Group delay Variation(925~960MHz)
ns
50
80
Absolute
Attenuation
DC~800MHz
dB
50
60
800~880MHz
dB
40
52
880~905MHz
dB
35
45
905~915MHz
dB
24
*)
28
*)
18
**)
24
**)
980~982MHz
dB
23
*)
25
*)
22
**)
24
**)
982~1005MHz
dB
23
*)
25
*)
25
**)
27
**)
1005~1025MHz
dB
30
42
1025~1760MHz
dB
40
50
1760~2500MHz
dB
30
40
2500~3120MHz
dB
20
27
3120~4000MHz
dB
18
25
4000~6000MHz
dB
8
12
Input/ Output VSWR (925~960MHz)
dB
1.7
2.0
Input/Output Impedance
ohm
50
RoHS Compliant
Electrostatic Sensitive Device
*) @ -40
oC ~85oC
**)
@ 85
oC ~95oC
- 3 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com