Electronic Components Datasheet Search
  English  ▼

X  

ACTF9191 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF9191
Description  Low-loss RF filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9191 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF9191 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9191 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9191 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9191 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9191 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACTF9191-1880.00-DCC6C
: Features
Low-loss RF filter for mobile systems
Low amplitude ripple
No matching network required for operation at 50Ω
Ceramic package for Surface Mounted
T
echnology (SMT)
Lead-free production and RoHS compliant
Package Dimensions
Ceramic Package: DCC6C
Pin Configuration
2
Input
5
Output
1, 3, 4, 6
Ground
Marking
Top View, Laser Marking
"ACT”:
Manufacturer’s mark
“F”:
SAW filter
“9191”:
Part number
” · ”:
Terminal 1
“*”:
Lot number (The code shown below varies in a
4-year cycle)
Code
1
2
3
4
5
6
7
8
9
10
11
12
2009
A
B
C
D
E
F
G
H
J
K
L
M
2010
N
P
Q
R
S
T
U
V
W
X
Y
Z
2011
a
b
c
d
e
f
g
h
i
j
k
m
2012
n
p
q
r
s
t
u
v
w
x
y
z
- 1 -


Similar Part No. - ACTF9191

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9194 ACT-ACTF9194 Datasheet
665Kb / 6P
Low-loss RF filter
ACTF9194-1950-DCC6C ACT-ACTF9194-1950-DCC6C Datasheet
665Kb / 6P
Low-loss RF filter
ACTF9199 ACT-ACTF9199 Datasheet
704Kb / 7P
SAW BANDPASS FILTER
More results

Similar Description - ACTF9191

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9402 ACT-ACTF9402 Datasheet
372Kb / 6P
Low-loss RF filter
ACTF9389 ACT-ACTF9389 Datasheet
312Kb / 5P
Low-loss RF filter
ACTF9228 ACT-ACTF9228 Datasheet
240Kb / 6P
Low-loss RF filter
ACTF9226 ACT-ACTF9226 Datasheet
491Kb / 7P
Low-loss RF filter
ACTF9205 ACT-ACTF9205 Datasheet
659Kb / 6P
Low-loss RF filter
ACTF9194 ACT-ACTF9194 Datasheet
665Kb / 6P
Low-loss RF filter
ACTF9188 ACT-ACTF9188 Datasheet
696Kb / 6P
Low-loss RF filter
ACTF8092 ACT-ACTF8092 Datasheet
439Kb / 7P
Low-loss RF filter
ACTF8035 ACT-ACTF8035 Datasheet
337Kb / 5P
Low-loss RF filter
ACTF8026 ACT-ACTF8026 Datasheet
308Kb / 2P
RF low-loss filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com