Electronic Components Datasheet Search
  English  ▼

X  

ACTF9118 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9118
Description  RF filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9118 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9118 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9118 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
P
20
dBm
DC Voltage
VDC
12
V
Operable Temperature Range
TA
-40 to +85
Storage Temperature Range
Tstg
-40 to +85
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Nominal Center Frequency
fC
--
915.000
--
MHz
Usable Pass Bandwidth
BW
--
26
--
MHz
Insertion Loss
IL
902.00 …. 928.00 MHz
--
2.3
3.5
dB
Inband Ripple
Δα
902.00 …. 928.00 MHz
--
0.8
1.2
dB
Absolute Attenuation
α
DC …. 800.00 MHz
800.00 …. 865.00 MHz
975.00 …. 1020.0 MHz
1020.0 …. 2000.0 MHz
45
40
30
45
58
48
40
58
--
--
--
--
dB
dB
dB
dB
Input / Output Impedance (Nominal)
50
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR≤2.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com