Electronic Components Datasheet Search
  English  ▼

X  

ACT-F9081 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT-F9081
Description  RF Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT-F9081 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT-F9081 Datasheet HTML 1Page - Advanced Crystal Technology ACT-F9081 Datasheet HTML 2Page - Advanced Crystal Technology ACT-F9081 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power max.
1710 … 1785MHz
PIN
Elsewhere
5
0
dBm
dBm
DC Voltage
VDC
0
V
Operable Temperature Range
TA
-20 to +70
OC
Storage Temperature Range
Tstg
-40 to +85
OC
5-2. Electronic Characteristics
Operating temperature range:
T = 25 + - 2 OC
Terminating source impedance:
ZS = 50Ω
Terminating load impedance:
ZL = 50Ω
Characteristic
Minimum
Typical
Maximum
Unit
Centre Frequency
fC
--
1747.50
--
MHz
Insertion Loss
IL
1710.0 …. 1785.0 MHz
--
3.5
4.0
dB
Absolute Attenuation
α
10.0 …. 1670.0 MHz
1670.0 …. 1690.0 MHz
1805.0 …. 1880.0 MHz
1880.0…. 4500.0 MHz
4500.0 …. 5200.0 MHz
15
15
15
20
10
20
25
20
25
19
--
--
--
--
--
dB
dB
dB
dB
dB
Amplitude Ripple (p-p)
Δα
1710.0 …. 1785.0 MHz
--
1.3
2.0
dB
Input / Output Impedance (Nominal)
50
Ω
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR≤1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 2 C1u
Date : SEPT 06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com