Electronic Components Datasheet Search
  English  ▼

X  

ACTF9027 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF9027
Description  RF filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9027 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF9027_10 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9027_10 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9027_10 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
The
ACTF9027/1842.5/DCC6C is a low-loss, compact, and economical surface-acoustic-wave
(
SAW) RF filter in a surface-mount ceramic DCC6C case for mobile telephone PCN system.
( Centre frequency
1842.5MHz )
1.Package Dimensions (DCC6C)
2.
3.Test Circuit
Pin
Configuration
2
Input / Output
5
Output / Input
1,3,4,6
Case Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
0.6
E
1.1
B
1.5
F
3.0
C
1.5
G
3.0
D
1.8
Issue : 1.1 C1
Date : March 2010


Similar Part No. - ACTF9027_10

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9027/1842.5/DCC6C ACT-ACTF9027/1842.5/DCC6C Datasheet
82Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter
SEPT 04
More results

Similar Description - ACTF9027_10

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9124 ACT-ACTF9124 Datasheet
274Kb / 2P
RF Filter
25/ 03/ 2008
ACT-F9081 ACT-ACT-F9081 Datasheet
321Kb / 3P
RF Filter
SEPT 06
ACTF8002 ACT-ACTF8002_10 Datasheet
121Kb / 3P
RF filter
March 2010
ACTF4197 ACT-ACTF4197 Datasheet
464Kb / 5P
RF filter
ACTF4186 ACT-ACTF4186 Datasheet
219Kb / 5P
RF Filter
ACTF4042 ACT-ACTF4042 Datasheet
198Kb / 3P
RF Filter
ACTF3031 ACT-ACTF3031 Datasheet
216Kb / 2P
RF Filter
ACTF5031 ACT-ACTF5031 Datasheet
310Kb / 2P
RF filter
ACTF8015 ACT-ACTF8015 Datasheet
211Kb / 3P
RF filter
SEPT 06
ACTF9038 ACT-ACTF9038 Datasheet
279Kb / 2P
RF filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com