Electronic Components Datasheet Search
  English  ▼

X  

SP9316B-4 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP9316B-4
Description  16-Bit CMOS Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9316B-4 Datasheet(HTML) 5 Page - Sipex Corporation

  SP9316B-4 Datasheet HTML 1Page - Sipex Corporation SP9316B-4 Datasheet HTML 2Page - Sipex Corporation SP9316B-4 Datasheet HTML 3Page - Sipex Corporation SP9316B-4 Datasheet HTML 4Page - Sipex Corporation SP9316B-4 Datasheet HTML 5Page - Sipex Corporation SP9316B-4 Datasheet HTML 6Page - Sipex Corporation SP9316B-4 Datasheet HTML 7Page - Sipex Corporation SP9316B-4 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
185
Binary Input
Analog Output
111…111
-V
REF (1-2
N
)
100…001
-V
REF(
+2-N)
100…000
-V
REF(
)
011…111
-V
REF(
-2-N)
000…001
-V
REF (2
-N
)
000…000
0
Table 1. Unipolar Transfer Function
Individual latch controls are provided for the
high and low bytes which may be tied together
for a single 16-bit word update. The data is
latched with the strobe at logic 0. The latches are
level–triggered and can be made transparent by
tying them to logic 1. However, use of the
latches is recommended in most applications as
they significantly reduce data bit skew, which
affects the glitch performance.
Layout, Grounding and Guarding
16-bit system performance can be maintained
with suitable attention paid to the layout, ground-
ing and guarding techniques employed. All
grounds should be of as low resistance as pos-
sible. Analog and digital grounds should be
individually star-pointed and tied together as
close as possible to the SP9316. Good layout
techniques dictate that the high–speed digital
inputs should be kept separate from low–level
analog outputs. The DAC output and op amp
input are high impedance and so are sensitive to
interference from the digital input lines. Careful
pinout design of the SP9316 has reduced this
problem to a minimum, but guarding of these
points should be considered. Figures 3 and 4
detail the low impedance guard track layout.
Amplifier Selection
The SP9316 allows the designer to obtain the
optimum performance for each application. Se-
lection of the correct operational amplifier, and
the layout of the associated components are
critical to the success of the design. To obtain
the optimum linearity performance, the amplifi-
ers must have an open loop gain in excess of
100,000 or 100dB. Care should be taken to
ensure that the summing junction is as close to
analog ground as possible. Most applications
demand that the input offset be kept below
100
µV. To maintain accuracy over temperature,
the amplifiers should have low bias currents and
offset voltage temperature coefficients.
In bipolar applications, attention must be paid to
the choice of resistors R and 2R (see figure 2).
As the analog voltage output increases from
zero to full-scale, the power dissipated by the
feedback resistor increases and the resistor heats
up. This causes a small change in the resistance
value which could lead to an alteration to the
transfer function, which may be seen as integral
linearity errors. The internal resistor network
has been designed using ultra-stable thin-film
nichrome. It is important that the temperature
coefficient of the external resistors match those
in the DAC as closely as possible. Resistors
with a temperature coefficient of 10ppm/
°C or
better should be used.
LONG TERM DRIFT
When measuring the stability of the SP9316,
great care should be taken to ensure that the drift
of the measurement instruments can be sepa-
Figure 2. Bipolar Operation
VREF
BIT 1 (MSB)
MSB LATCH
LSB LATCH
_
+
SP9316
400Ω
DIGITAL
INPUT
+15V
IOUT1
IOUT2
ROS1
VOUT
All "ones":
VOUT = –VREF + 1LSB
0.01µF
1µF
+
17
18
13
14
RFB
16
15
BIT 16 (LSB)
GND
NOTE:
To maintain specified linearity, the external amplifiers (A1 and A2)
must be nulled. With a digital input of 10…0 and VREF set to zero —
1) set ROS1 for VO1 = 0V;
2) set ROS2 for VOUT = 0V;
3) set VREF to +10V and adjust RB for VOUT = 0V
A1
_
+
ROS2
A2
R
R for ±5V FS output
2R for ±10V FS output
2R
VO1
Offset Binary Input
Analog Output
111…111
-V
REF (1-2
-(N-1)
)
100…001
-V
REF(2
-(N-1)
)
100…000
0
011…111
V
REF(2
-(N-1)
)
000…001
V
REF (1-2
-(N-1)
)
000…000
V
REF
Table 2. Bipolar Transfer Function



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com